Electronic Components Datasheet Search
  English  ▼

X  

VJ0505D1ROMLPAC Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VJ0505D1ROMLPAC
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ0505D1ROMLPAC Datasheet(HTML) 2 Page - Vishay Siliconix

  VJ0505D1ROMLPAC Datasheet HTML 1Page - Vishay Siliconix VJ0505D1ROMLPAC Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
QUAD HIFREQ Series
www.vishay.com
Vishay Vitramon
Revision: 15-May-13
1
Document Number: 45221
For technical questions, contact: mlccrf@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Power Surface Mount Multilayer
Ceramic Chip Capacitors for High Frequency
FEATURES
• Case size 0505 and 1111
• Ultra-stable, high Q dielectric material
• Lead (Pb)-free terminations code “X”
• Tin/lead termination code “L”
• Reliable Noble Metal Electrode (NME) system
• Material categorization: For definitions of
compliance please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and/or parts that are non-RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information/tables in this datasheet for details.
APPLICATIONS
• MRI coils and generators
• RF instruments
• Lasers, CATV, UHF/microwave RF power amplifiers
• Filter networks, timing circuits
• Mixers, oscillators impedance matching networks
ELECTRICAL SPECIFICATIONS
Note
• Electrical characteristics at 25 °C unless otherwise specified
Operating Temperature: - 55 °C to + 125 °C
Capacitance Range:
0505: 1.0 pF to 100 pF
1111: 1.0 pF to 1000 pF
Voltage Rating: 25 VDC to 1500 VDC
Temperature Coefficient of Capacitance (TCC):
C0G (D): 0 ppm/°C ± 30 ppm/°C from - 55 °C to + 125 °C
with zero (0) VDC applied
Dissipation Factor (DF):
C0G (D): 0.05 % max. at 1.0 VRMS and 1 MHz
for values
 1000 pF
C0G (D): 0.05 % max. at 1.0 VRMS and 1 kHz
for values > 1000 pF
Aging Rate: 0 % maximum per decade
Insulation Resistance (IR):
At + 25 °C and rated voltage 100 000 M
 minimum or
1000
F, whichever is less
At + 125 °C and rated voltage 10 000 M
 minimum or
100
F, whichever is less
Dielectric Strength Test:
Performed per method 103 of EIA-198-2-E.
Applied test voltages:
 200 VDC-rated: Min. 250 % of rated voltage
300 VDC-rated: Min. 150 % of rated voltage
630 VDC to 1000 VDC-rated: 150 % of rated voltage
1500 VDC: 120 % rated voltage
Available
Available
Available
QUAD HIFREQ Series
www.vishay.com
Vishay Vitramon
Revision: 15-May-13
2
Document Number: 45221
For technical questions, contact: mlccrf@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• For values below 1.0 pF, contact mlccrf@vishay.com
Notes
(1) DC voltage rating should not be exceeded in application
QUICK REFERENCE DATA
E
S
A
C
C
I
R
T
C
E
L
E
I
D
MAXIMUM VOLTAGE
(V)
CAPACITANCE
MINIMUM
MAXIMUM
D = NP0
F
p
0
0
1
F
p
0
.
1
0
5
2
5
0
5
0
F
p
0
0
0
1
F
p
0
.
1
0
0
5
1
1
1
1
1
ORDERING INFORMATION
VJ0505
X
1R0
B
X
B
A
C
CASE
CODE
DIELECTRIC
CAPACITANCE
NOMINAL CODE
CAPACITANCE
TOLERANCE
TERMINATION
DC VOLTAGE
RATING (1)
MARKING
PACKAGING
0505
1111
D = NP0
Expressed in
picofarads (pF).
The first two digits
are significant, the
third is a multiplier.
An “R” indicates a
decimal point.
Examples:
1R0 = 1.0 pF
B = ± 0.10 pF
C = ± 0.25 pF
D = ± 0.50 pF
F = ± 1 %
G = ± 2 %
J = ± 5 %
K = ± 10 %
M = ± 20 %
Note
Details see
“Selection
Chart”
X = Ni barrier
100 % tin plate
matte finish
L = Ni barrier
with tin lead
plated finish
min. 4 % lead
C = 200 V
P = 250 V
D = 300 V
L = 630 V
G = 1000 V
R = 1500 V
A = No
marking
T = 7" reel/plastic tape
C = 7" reel/paper tape
J = 7" reel (low quantity)
R = 11 1/4"/13" reel/
plastic tape
P = 11 1/4"/13" reel/
paper tape
DIMENSIONS in inches (millimeters)
CASE
CODE
STYLE
LENGTH
(L)
WIDTH
(W)
MAXIMUM
THICKNESS (T)
TERMINATIONS PAD (P)
MINIMUM
MAXIMUM
0505
VJ0505
0.055 ± 0.025
(1.40 ± 0.64)
0.055 ± 0.015
(1.40 ± 0.38)
0.057
(1.45)
0.004
(0.10)
0.016
(0.41)
1111
VJ1111
0.117 ± 0.028
(2.98 ± 0.70)
0.110 ± 0.030
(2.79 ± 0.76)
0.102
(2.59)
0.012
(0.30)
0.018
(0.46)
L
W
T
MAX.
P
QUAD HIFREQ Series
www.vishay.com
Vishay Vitramon
Revision: 15-May-13
2
Document Number: 45221
For technical questions, contact: mlccrf@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• For values below 1.0 pF, contact mlccrf@vishay.com
Notes
(1) DC voltage rating should not be exceeded in application
QUICK REFERENCE DATA
E
S
A
C
C
I
R
T
C
E
L
E
I
D
MAXIMUM VOLTAGE
(V)
CAPACITANCE
MINIMUM
MAXIMUM
D = NP0
F
p
0
0
1
F
p
0
.
1
0
5
2
5
0
5
0
F
p
0
0
0
1
F
p
0
.
1
0
0
5
1
1
1
1
1
ORDERING INFORMATION
VJ0505
X
1R0
B
X
B
A
C
CASE
CODE
DIELECTRIC
CAPACITANCE
NOMINAL CODE
CAPACITANCE
TOLERANCE
TERMINATION
DC VOLTAGE
RATING (1)
MARKING
PACKAGING
0505
1111
D = NP0
Expressed in
picofarads (pF).
The first two digits
are significant, the
third is a multiplier.
An “R” indicates a
decimal point.
Examples:
1R0 = 1.0 pF
B = ± 0.10 pF
C = ± 0.25 pF
D = ± 0.50 pF
F = ± 1 %
G = ± 2 %
J = ± 5 %
K = ± 10 %
M = ± 20 %
Note
Details see
“Selection
Chart”
X = Ni barrier
100 % tin plate
matte finish
L = Ni barrier
with tin lead
plated finish
min. 4 % lead
C = 200 V
P = 250 V
D = 300 V
L = 630 V
G = 1000 V
R = 1500 V
A = No
marking
T = 7" reel/plastic tape
C = 7" reel/paper tape
J = 7" reel (low quantity)
R = 11 1/4"/13" reel/
plastic tape
P = 11 1/4"/13" reel/
paper tape
DIMENSIONS in inches (millimeters)
CASE
CODE
STYLE
LENGTH
(L)
WIDTH
(W)
MAXIMUM
THICKNESS (T)
TERMINATIONS PAD (P)
MINIMUM
MAXIMUM
0505
VJ0505
0.055 ± 0.025
(1.40 ± 0.64)
0.055 ± 0.015
(1.40 ± 0.38)
0.057
(1.45)
0.004
(0.10)
0.016
(0.41)
1111
VJ1111
0.117 ± 0.028
(2.98 ± 0.70)
0.110 ± 0.030
(2.79 ± 0.76)
0.102
(2.59)
0.012
(0.30)
0.018
(0.46)
L
W
T
MAX.
P
QUAD HIFREQ Series
www.vishay.com
Vishay Vitramon
Revision: 15-May-13
2
Document Number: 45221
For technical questions, contact: mlccrf@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• For values below 1.0 pF, contact mlccrf@vishay.com
Notes
(1) DC voltage rating should not be exceeded in application
QUICK REFERENCE DATA
E
S
A
C
C
I
R
T
C
E
L
E
I
D
MAXIMUM VOLTAGE
(V)
CAPACITANCE
MINIMUM
MAXIMUM
D = NP0
F
p
0
0
1
F
p
0
.
1
0
5
2
5
0
5
0
F
p
0
0
0
1
F
p
0
.
1
0
0
5
1
1
1
1
1
ORDERING INFORMATION
VJ0505
X
1R0
B
X
B
A
C
CASE
CODE
DIELECTRIC
CAPACITANCE
NOMINAL CODE
CAPACITANCE
TOLERANCE
TERMINATION
DC VOLTAGE
RATING (1)
MARKING
PACKAGING
0505
1111
D = NP0
Expressed in
picofarads (pF).
The first two digits
are significant, the
third is a multiplier.
An “R” indicates a
decimal point.
Examples:
1R0 = 1.0 pF
B = ± 0.10 pF
C = ± 0.25 pF
D = ± 0.50 pF
F = ± 1 %
G = ± 2 %
J = ± 5 %
K = ± 10 %
M = ± 20 %
Note
Details see
“Selection
Chart”
X = Ni barrier
100 % tin plate
matte finish
L = Ni barrier
with tin lead
plated finish
min. 4 % lead
C = 200 V
P = 250 V
D = 300 V
L = 630 V
G = 1000 V
R = 1500 V
A = No
marking
T = 7" reel/plastic tape
C = 7" reel/paper tape
J = 7" reel (low quantity)
R = 11 1/4"/13" reel/
plastic tape
P = 11 1/4"/13" reel/
paper tape
DIMENSIONS in inches (millimeters)
CASE
CODE
STYLE
LENGTH
(L)
WIDTH
(W)
MAXIMUM
THICKNESS (T)
TERMINATIONS PAD (P)
MINIMUM
MAXIMUM
0505
VJ0505
0.055 ± 0.025
(1.40 ± 0.64)
0.055 ± 0.015
(1.40 ± 0.38)
0.057
(1.45)
0.004
(0.10)
0.016
(0.41)
1111
VJ1111
0.117 ± 0.028
(2.98 ± 0.70)
0.110 ± 0.030
(2.79 ± 0.76)
0.102
(2.59)
0.012
(0.30)
0.018
(0.46)
L
W
T
MAX.
P
THISDoCUMEnTISSUbjECTToCHAngEwITHoUTnoTICE.THEPRoDUCTSDESCRIbEDHEREInAnDTHISDoCUMEnTARESUbjECTTo
SPECIFICDISCLAIMERS,SETFoRTHATwww.vishay.com/doc?91000
2/2
PRODUCT SHEET
Vi S H ay i n TE R TE C H n O l O gy, i n C .
VMN-PT0371-1306
QUAD HiFREQ
MULTILAYER CERAMIC CHIP CAPACITORS
Multilayer Ceramic Capacitors for Rf Applications



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com