Electronic Components Datasheet Search
  English  ▼

X  

AMN32112 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # AMN32112
Description  High-sensitive human detection sensor with built-in amp.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AMN32112 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  AMN32112 Datasheet HTML 1Page - Panasonic Semiconductor AMN32112 Datasheet HTML 2Page - Panasonic Semiconductor AMN32112 Datasheet HTML 3Page - Panasonic Semiconductor AMN32112 Datasheet HTML 4Page - Panasonic Semiconductor AMN32112 Datasheet HTML 5Page - Panasonic Semiconductor AMN32112 Datasheet HTML 6Page - Panasonic Semiconductor AMN32112 Datasheet HTML 7Page - Panasonic Semiconductor AMN32112 Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
PIR Motion Sensor (EKMB, EKMC, AMN2, 3)
ASCTB240E 201208-T
PRODUCT TYPES
1. WL series
2. VZ series
3. NaPiOn series
RATING
1. Absolute maximum rating (Measuring condition: ambient temperature = 25
°C 77°F)
2. Electrical characteristics
1) WL series VZ series
Note: The current which is consumed during detection consist of the standby consumed current plus the output current.
Detection performance
Lens color
Consumption current
1
µA2µA6µA
Standard type
White
EKMB1101111
EKMB1201111
EKMB1301111K
Black
EKMB1101112
EKMB1201112
EKMB1301112K
Pearl White
EKMB1101113
EKMB1201113
EKMB1301113K
Long distance detection
type
White
EKMB1103111
EKMB1203111
EKMB1303111K
Black
EKMB1103112
EKMB1203112
EKMB1303112K
Pearl White
EKMB1103113
EKMB1203113
EKMB1303113K
Detection performance
Lens color
Consumption current 170
µA
Standard type
White
EKMC1601111
Black
EKMC1601112
Pearl White
EKMC1601113
Long distance detection
type
White
EKMC1603111
Black
EKMC1603112
Pearl White
EKMC1603113
Detection performance
Lens color
Digital output
Analog output
Standard type
Black
AMN31111
AMN21111
White
AMN31112
AMN21112
Slight motion detection
type
Black
AMN32111
AMN22111
White
AMN32112
AMN22112
Spot detection type
Black
AMN33111
AMN23111
White
AMN33112
AMN23112
10m detection type
Black
AMN34111
AMN24111
White
AMN34112
AMN24112
Power supply voltage
–0.3 to 7.0VDC (for VZ series, NaPiOn series), –0.3 to 4.5VDC (for WL series)
Usage ambient temperature
–20 to 60
°C –3 to 140°F (No freezing and condensing at low temperature)
Storage temperature
–20 to 70
°C –4 to 158°F
Items
Symbol
WL series
VZ series
Measuring conditions
Rated consumption current
(Stand by) Note)
Iw
1
µA ave.
2
µA ave.
6
µA ave.
170
µA ave.
Ambient temperature = 25
°C 77°F
Iout = 0
Operating voltage 5V (VZ) 3V (WL)
Rated operating voltage
Vdd
2.3VDC min. 4.0VDC max.
3.0VDC min.
6.0VDC max.
Output current (When detecting)
Iout
100
µA max.
100
µA max.
Ambient temperature = 25
°C 77°F
Vout
Vdd-0.5V
Operating voltage 5V (VZ) 3V (WL)
Output voltage (When detecting)
Vout
Vdd-0.5VDC min.
Vdd-0.5VDC min.
Ambient temperature = 25
°C 77°F
Open when not detecting
Operating voltage 5V (VZ) 3V (WL)
Circuit stability time
Twu
25s typ. 210s max.
10s max.
30s max.
Ambient temperature = 25
°C 77°F
Iout = 0
Operating voltage 5V (VZ) 3V (WL)
Ts [
°C] = Const. (WL)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com