Electronic Components Datasheet Search
  English  ▼

X  

AM29LV116B Datasheet(PDF) 40 Page - Advanced Micro Devices

Part # AM29LV116B
Description  16 Megabit (2 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV116B Datasheet(HTML) 40 Page - Advanced Micro Devices

Back Button AM29LV116B Datasheet HTML 32Page - Advanced Micro Devices AM29LV116B Datasheet HTML 33Page - Advanced Micro Devices AM29LV116B Datasheet HTML 34Page - Advanced Micro Devices AM29LV116B Datasheet HTML 35Page - Advanced Micro Devices AM29LV116B Datasheet HTML 36Page - Advanced Micro Devices AM29LV116B Datasheet HTML 37Page - Advanced Micro Devices AM29LV116B Datasheet HTML 38Page - Advanced Micro Devices AM29LV116B Datasheet HTML 39Page - Advanced Micro Devices AM29LV116B Datasheet HTML 40Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 40 / 40 page
background image
Am29LV116B
40
PREL I M I N AR Y
REVISION SUMMARY
Revision B
Global
Deleted SO package from data sheet.
Revision C
Alternate CE# Controlled Erase/Program
Operations
Changed tCP from 45 to 35 ns on 80R and 90 speed
options.
Revision C+1
Global
Changed data sheet status to Preliminary.
Reset Command
Deleted the last paragraph in this section.
Revision C+2
Figure 1, In-System Sector Protect/Unprotect
Algorithms
In the sector protect algorithm, added a “Reset
PLSCNT=1” box in the path from “Protect another sec-
tor?” back to setting up the next sector address.
AC Characteristics
Erase/Program Operations; Alternate CE# Controlled
Erase/Program Operations: Corrected the notes refer-
ence for tWHWH1 and tWHWH2. These parameters are
100% tested. Corrected the note reference for tVCS.
This parameter is not 100% tested.
Temporary Sector Unprotect Table
Added note reference for tVIDR. This parameter is not
100% tested.
Figure 21, Sector Protect/Unprotect Timing
Diagram
A valid address is not required for the first write cycle;
only the data 60h.
Erase and Programming Performance
In Note 2, the worst case endurance is now 1 million
cycles.
Trademarks
Copyright © 1998 Advanced Micro Devices, Inc. All rights reserved.
AMD, the AMD logo, and combinations thereof are registered trademarks of Advanced Micro Devices, Inc.
ExpressFlash is a trademark of Advanced Micro Devices, Inc.
Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com