Electronic Components Datasheet Search
  English  ▼

X  

ADP3334ARM Datasheet(PDF) 3 Page - Analog Devices

Part # ADP3334ARM
Description  High Accuracy, Low IQ, anyCAP Adjustable Low Dropout Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3334ARM Datasheet(HTML) 3 Page - Analog Devices

  ADP3334ARM Datasheet HTML 1Page - Analog Devices ADP3334ARM Datasheet HTML 2Page - Analog Devices ADP3334ARM Datasheet HTML 3Page - Analog Devices ADP3334ARM Datasheet HTML 4Page - Analog Devices ADP3334ARM Datasheet HTML 5Page - Analog Devices ADP3334ARM Datasheet HTML 6Page - Analog Devices ADP3334ARM Datasheet HTML 7Page - Analog Devices ADP3334ARM Datasheet HTML 8Page - Analog Devices ADP3334ARM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REV. B
ADP3334
–3–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the ADP3334 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATSINGS
*
Input Supply Voltage . . . . . . . . . . . . . . . . . . . –0.3 V to +16 V
Shutdown Input Voltage . . . . . . . . . . . . . . . . –0.3 V to +16 V
Power Dissipation . . . . . . . . . . . . . . . . . . . . Internally Limited
Operating Ambient Temperature Range . . . . –40°C to +85°C
Operating Junction Temperature Range . . . –40°C to +150°C
Storage Temperature Range . . . . . . . . . . . . –65°C to +150°C
JA 2-Layer SOIC-8 . . . . . . . . . . . . . . . . . . . . . . . .
122.3°C/W
JA 4-Layer SOIC-8
. . . . . . . . . . . . . . . . . . . . . . . . . 86.6°C/W
JA 2-Layer LFCSP-8 . . . . . . . . . . . . . . . . . . . . . . . . . . 62°C/W
JA 4-Layer LFCSP-8 . . . . . . . . . . . . . . . . . . . . . . . . . . 48°C/W
JA 2-Layer MSOP-8
. . . . . . . . . . . . . . . . . . . . . . . . . 220°C/W
JA 4-Layer MSOP-8
. . . . . . . . . . . . . . . . . . . . . . . . . 158°C/W
Lead Temperature Range (Soldering 6 sec) . . . . . . . . . . 300°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only. Functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
PIN CONFIGURATIONS
ORDERING GUIDE
Package
Package
Model
Output
Description
Option
Brand
ADP3334AR
ADJ
Standard Small Outline
RN-8
Package (SOIC-8)
ADP3334ACP
ADJ
Lead Frame Chip
CP-8
LLA
Scale Package (LFCSP)
3 mm
3 mm Body, 8-Lead
ADP3334ARM
ADJ
MSOP Package
RM-8
LLA
PIN FUNCTION DESCRIPTIONS
Mnemonic
Function
GND
Ground Pin.
SD
Shutdown Control. Pulling this pin low
turns on the regulator.
IN
Regulator Input.
OUT
Output. Bypass to ground with a 1.0 µF or
larger capacitor.
FB
Feedback Input. FB should be connected to
an external resistor divider that sets the
output voltage.
NC
No Connection.
8
7
6
5
1
2
3
4
OUT
OUT
FB
NC
IN
IN
SD
GND
TOP VIEW
(Not to Scale)
ADP3334ARM
NC = NO CONNECT
TOP VIEW
(Not to Scale)
8
7
6
5
1
2
3
4
GND
SD
IN
IN
NC
FB
OUT
OUT
ADP3334AR
NC = NO CONNECT
TOP VIEW*
ADP3334ACP
*PINS UNDERSIDE
NC = NO CONNECT
1
2
3
4
IN
IN
SD
GND
OUT
OUT
FB
NC
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com