Electronic Components Datasheet Search
  English  ▼

X  

ADP3335 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP3335
Description  High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3335 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP3335 Datasheet HTML 8Page - Analog Devices ADP3335 Datasheet HTML 9Page - Analog Devices ADP3335 Datasheet HTML 10Page - Analog Devices ADP3335 Datasheet HTML 11Page - Analog Devices ADP3335 Datasheet HTML 12Page - Analog Devices ADP3335 Datasheet HTML 13Page - Analog Devices ADP3335 Datasheet HTML 14Page - Analog Devices ADP3335 Datasheet HTML 15Page - Analog Devices ADP3335 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Data Sheet
ADP3335
Rev. D | Page 13 of 16
ORDERING GUIDE
Model1
Output Voltage (V)2
Temperature Range
Package Description
Package Option
Branding3
ADP3335ACPZ-1.8-R7
1.8
–40°C to +85°C
8-Lead LFCSP_WD
CP-8-13
L1G
ADP3335ACPZ-2.5-R7
2.5
–40°C to +85°C
8-Lead LFCSP_WD
CP-8-13
L1H
ADP3335ACPZ-2.85R7
2.85
–40°C to +85°C
8-Lead LFCSP_WD
CP-8-13
L1J
ADP3335ACPZ-3.3-R7
3.3
–40°C to +85°C
8-Lead LFCSP_WD
CP-8-13
L1K
ADP3335ACPZ-3.3-RL
3.3
–40°C to +85°C
8-Lead LFCSP_WD
CP-8-13
L1K
ADP3335ACPZ-5-R7
5
–40°C to +85°C
8-Lead LFCSP_WD
CP-8-13
L1L
ADP3335ARMZ-1.8-R7
1.8
–40°C to +85°C
8-Lead MSOP
RM-8
LFA
ADP3335ARMZ-1.8-RL
1.8
–40°C to +85°C
8-Lead MSOP
RM-8
LFA
ADP3335ARMZ-2.5-RL
2.5
–40°C to +85°C
8-Lead MSOP
RM-8
LFC
ADP3335ARMZ-2.5RL7
2.5
–40°C to +85°C
8-Lead MSOP
RM-8
LFC
ADP3335ARMZ-2.85R7
2.85
–40°C to +85°C
8-Lead MSOP
RM-8
LFD
ADP3335ARMZ-2.85RL
2.85
–40°C to +85°C
8-Lead MSOP
RM-8
LFD
ADP3335ARMZ-3.3-RL
3.3
–40°C to +85°C
8-Lead MSOP
RM-8
LFE
ADP3335ARMZ-3.3RL7
3.3
–40°C to +85°C
8-Lead MSOP
RM-8
LFE
ADP3335ARMZ-5-R7
5
–40°C to +85°C
8-Lead MSOP
RM-8
LFF
ADP3335ARMZ-5-REEL
5
–40°C to +85°C
8-Lead MSOP
RM-8
LFF
1
Z = RoHS Compliant Part.
2
For additional voltage options, contact a local sales or distribution representative.
3
Z = RoHS Compliant Parts have a "#" marked on the device preceding the date code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com