Electronic Components Datasheet Search
  English  ▼

X  

BF516F Datasheet(PDF) 66 Page - Analog Devices

Part # BF516F
Description  Blackfin Embedded Processor
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

BF516F Datasheet(HTML) 66 Page - Analog Devices

Back Button BF516F Datasheet HTML 60Page - Analog Devices BF516F Datasheet HTML 61Page - Analog Devices BF516F Datasheet HTML 62Page - Analog Devices BF516F Datasheet HTML 63Page - Analog Devices BF516F Datasheet HTML 64Page - Analog Devices BF516F Datasheet HTML 65Page - Analog Devices BF516F Datasheet HTML 66Page - Analog Devices BF516F Datasheet HTML 67Page - Analog Devices BF516F Datasheet HTML 68Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 66 / 68 page
background image
Rev. B
|
Page 66 of 68
|
January 2011
ADSP-BF512/BF512F, BF514/BF514F, BF516/BF516F, BF518/BF518F
ADSP-BF514KSWZ-4
0ºC to +70ºC
400 MHz
N/A
176-Lead LQFP_EP
SQ-176-2
ADSP-BF514KSWZ-4F4
0ºC to +70ºC
400 MHz
4M bit
176-Lead LQFP_EP
SQ-176-2
ADSP-BF516KSWZ-3
0ºC to +70ºC
300 MHz
N/A
176-Lead LQFP_EP
SQ-176-2
ADSP-BF516KBCZ-3
0ºC to +70ºC
300 MHz
N/A
168-Ball CSP_BGA
BC-168-1
ADSP-BF516KSWZ-4
0ºC to +70ºC
400 MHz
N/A
176-Lead LQFP_EP
SQ-176-2
ADSP-BF516KBCZ-4
0ºC to +70ºC
400 MHz
N/A
168-Ball CSP_BGA
BC-168-1
ADSP-BF516KSWZ-4F4
0ºC to +70ºC
400 MHz
4M bit
176-Lead LQFP_EP
SQ-176-2
ADSP-BF516KBCZ-4F4
0ºC to +70ºC
400 MHz
4M bit
168-Ball CSP_BGA
BC-168-1
ADSP-BF516BBCZ-3
–40ºC to +85ºC
300 MHz
N/A
168-Ball CSP_BGA
BC-168-1
ADSP-BF516BBCZ-4
–40ºC to +85ºC
400 MHz
N/A
168-Ball CSP_BGA
BC-168-1
ADSP-BF516BBCZ-4F4
–40ºC to +85ºC
400 MHz
4M bit
168-Ball CSP_BGA
BC-168-1
ADSP-BF516BSWZ-3
–40ºC to +85ºC
300 MHz
N/A
176-Lead LQFP_EP
SQ-176-2
ADSP-BF516BSWZ-4
–40ºC to +85ºC
400 MHz
N/A
176-Lead LQFP_EP
SQ-176-2
ADSP-BF516BSWZ-4F4
–40ºC to +85ºC
400 MHz
4M bit
176-Lead LQFP_EP
SQ-176-2
ADSP-BF518BBCZ-4
–40ºC to +85ºC
400 MHz
N/A
168-Ball CSP_BGA
BC-168-1
ADSP-BF518BBCZ-4F4
–40ºC to +85ºC
400 MHz
4M bit
168-Ball CSP_BGA
BC-168-1
ADSP-BF518BSWZ-4
–40ºC to +85ºC
400 MHz
N/A
176-Lead LQFP_EP
SQ-176-2
ADSP-BF518BSWZ-4F4
–40ºC to +85ºC
400 MHz
4M bit
176-Lead LQFP_EP
SQ-176-2
1 Z = RoHS compliant part.
2 Referenced temperature is ambient temperature. The ambient temperature is not a specification. Please see Operating Conditions on Page 20 for junction temperature (TJ)
specification which is the only temperature specification.
Model
1
Temperature
Range
2
Processor Instruction
Rate (Max)
Flash
Memory
Package Description
Package
Option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com