Electronic Components Datasheet Search
  English  ▼

X  

AM29LV800B Datasheet(PDF) 40 Page - Advanced Micro Devices

Part # AM29LV800B
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV800B Datasheet(HTML) 40 Page - Advanced Micro Devices

Back Button AM29LV800B Datasheet HTML 34Page - Advanced Micro Devices AM29LV800B Datasheet HTML 35Page - Advanced Micro Devices AM29LV800B Datasheet HTML 36Page - Advanced Micro Devices AM29LV800B Datasheet HTML 37Page - Advanced Micro Devices AM29LV800B Datasheet HTML 38Page - Advanced Micro Devices AM29LV800B Datasheet HTML 39Page - Advanced Micro Devices AM29LV800B Datasheet HTML 40Page - Advanced Micro Devices AM29LV800B Datasheet HTML 41Page - Advanced Micro Devices AM29LV800B Datasheet HTML 42Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 40 / 42 page
background image
40
Am29LV800B
P R E L I M I NARY
PHYSICAL DIMENSIONS
FGB—48-Ball Fine-Pitch Ball Grid Array (FBGA) 6 x 9 mm (measured in mm)
5.80
6.20
8.80
9.20
DATUM B
DATUM A
INDEX
0.025
CHAMFER
0.15 M Z B M
0.15 M Z B M
5.60
BSC
0.40
4.00
BSC
0.08 M ZA B
0.10 Z
0.25
0.45
0.80
DETAIL A
0.20 Z
DETAIL A
1.20 MAX
0.40
± 0.08 (48x)
0.40
16-038-FGB-2
EG137
12-2-97 lv



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com