Electronic Components Datasheet Search
  English  ▼

X  

AM53CF94 Datasheet(PDF) 1 Page - Advanced Micro Devices

Part # AM53CF94
Description  Enhanced SCSI-2 Controller (ESC)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM53CF94 Datasheet(HTML) 1 Page - Advanced Micro Devices

  AM53CF94 Datasheet HTML 1Page - Advanced Micro Devices AM53CF94 Datasheet HTML 2Page - Advanced Micro Devices AM53CF94 Datasheet HTML 3Page - Advanced Micro Devices AM53CF94 Datasheet HTML 4Page - Advanced Micro Devices AM53CF94 Datasheet HTML 5Page - Advanced Micro Devices AM53CF94 Datasheet HTML 6Page - Advanced Micro Devices AM53CF94 Datasheet HTML 7Page - Advanced Micro Devices AM53CF94 Datasheet HTML 8Page - Advanced Micro Devices AM53CF94 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 76 page
background image
This document contains information on a product under development at Advanced Micro Devices Inc. The information is intended
to help you to evaluate this product. AMD reserves the right to change or discontinue work on this proposed product without notice.
Publication# 17348
Rev. B
Amendment /0
Issue Date: May 1993
Advanced
Micro
Devices
Am53CF94/Am53CF96
Enhanced SCSI-2 Controller (ESC)
PRELIMINARY
DISTINCTIVE CHARACTERISTICS
s
Pin/function compatible with Emulex
FAS216/236
s
AMD’s Patented programmable GLITCH
EATERTM Circuitry on REQ and ACK inputs
s
10 Mbytes/s synchronous Fast SCSI transfer
rate
s
20 Mbytes/s DMA transfer rate
s
16-Bit DMA interface plus 2 bits of parity
s
Flexible three bus architecture
s
Single-ended SCSI bus supported by
Am53CF94
s
Differential SCSI bus supported by Am53CF96
s
Selection of multiplexed or non-multiplexed
address and data bus
s
High current drivers (48 mA) for direct
connection to the single-ended SCSI bus
s
Supports Disconnect and Reselect commands
s
Supports burst mode DMA operation with a
threshold of eight
s
Supports 3-byte tagged-queueing as per the
SCSI-2 specification
s
Supports group 2 and 5 command recognition
as per the SCSI-2 specification
s
Advanced CMOS process for lower power
consumption
s
AMD’s exclusive programmable power-down
feature
s
24-Bit extended transfer counter allows for
data block transfer of up to 16 Mbytes
s
Independently programmable 3-byte message
and group 2 identification
s
Additional check for ID message during
bus-initiated Select with ATN
s
Reselection has QTAG features of ATN3
s
Access FIFO Command
s
Delayed enable signal for differential drivers
avoid contention on SCSI differential lines
s
Programmable Active Negation on REQ, ACK
and Data lines
s
Register programmable control of assertion/
deassertion delay for REQ and ACK lines
s
Part-unique ID code
s
Am53CF94 available in 84-pin PLCC package
s
Am53CF96 available in 100-pin PQFP package
s
Am53CF94 available in 3.3 V version
s
Supports clock operating frequencies from
10 MHz–40 MHz
s
Supports Scatter-Gather or Back-to-Back
synchronous data transfers
GENERAL DESCRIPTION
The Enhanced SCSI-2 Controller (ESC) was designed
to support Fast SCSI-2 transfer rates of up to
10 Mbytes/s in synchronous mode and up to 7 Mbytes/s
in the asynchronous mode. The ESC is downward com-
patible with the Am53C94/96, combining its functionality
with features such as Fast SCSI, programmable Active
Negation, a 24-bit transfer counter, and a part-unique ID
code containing manufacturer and serial # information.
AMD’s proprietary features such as power-down mode
for SCSI transceivers, programmable GLITCH EATER,
and extended Target command set are also included for
improved product performance.
The Enhanced SCSI-2 Controller (ESC) has a flexible
three bus architecture. The ESC has a 16-bit DMA inter-
face, an 8-bit host data interface and an 8-bit SCSI data
interface. The ESC is designed to minimize host inter-
vention by implementing common SCSI sequences in
hardware. An on-chip state machine reduces protocol
overheads by performing the required sequences in re-
sponse to a single command from the host. Selection,
reselection, information transfer and disconnection
commands are directly supported.
The 16-byte-internal FIFO further assists in minimizing
host involvement. The FIFO provides a temporary stor-
age for all command, data, status and message bytes as
they are transferred between the 16-bit host data bus
and the 8-bit SCSI data bus. During DMA operations the
FIFO acts as a buffer to allow greater latency in the DMA
channel. This permits the DMA channel to be sus-
pended for higher priority operations such as DRAM re-
fresh or reception of an ISDN packet.
Parity on the DMA bus is optional. Parity can either be
generated and checked or it can be simply passed
through.
The Target command set for the Am53CF94/96 in-
cludes an additional command, the Access FIFO com-
mand, to allow the host or DMA controller to remove re-
maining FIFO data following the host’s issuance of a
Target abort DMA command or following an abort due to


Similar Part No. - AM53CF94

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM53C80 AMD-AM53C80 Datasheet
295Kb / 6P
Magnetic Disk Controller
AM53C80 AMD-AM53C80 Datasheet
274Kb / 6P
Optical Disk Controller
AM53C80N AMD-AM53C80N Datasheet
1Mb / 28P
SCSI Interface Controller
AM53C80NDC AMD-AM53C80NDC Datasheet
1Mb / 28P
SCSI Interface Controller
AM53C80NJC AMD-AM53C80NJC Datasheet
1Mb / 28P
SCSI Interface Controller
More results

Similar Description - AM53CF94

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1185CQ SONY-CXD1185CQ Datasheet
360Kb / 35P
SCSI 1 Protocol Controller
logo
Advanced Micro Devices
AM33C93A AMD-AM33C93A Datasheet
3Mb / 49P
ENHANCED SCSI BUS INTERFACE CONTROLLER
logo
STMicroelectronics
AIC-43C97 STMICROELECTRONICS-AIC-43C97 Datasheet
146Kb / 5P
Automated, High-performance, Integrated, SCSI Protocol Controller designed for SCSI-2/SCSI-3 embedded peripheral applications
Rev. 1
logo
List of Unclassifed Man...
AIC-33C94 ETC1-AIC-33C94 Datasheet
107Kb / 2P
Enhanced SCSI Bus Controller
logo
National Semiconductor ...
DP8496 NSC-DP8496 Datasheet
960Kb / 92P
SCSI-2 Disk Data Controller
logo
List of Unclassifed Man...
LSI53C896 ETC1-LSI53C896 Datasheet
294Kb / 4P
ULTRA2 SCSI CONTROLLER
LSI53C1000R ETC2-LSI53C1000R Datasheet
280Kb / 4P
ULTRA160 SCSI CONTROLLER
logo
Advanced Micro Devices
AM5380 AMD-AM5380 Datasheet
1Mb / 28P
SCSI Interface Controller
AM53C94 AMD-AM53C94 Datasheet
439Kb / 63P
High Performance SCSI Controller
logo
Texas Instruments
SN75C091A TI1-SN75C091A Datasheet
591Kb / 106P
SCSI Bus Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com