Electronic Components Datasheet Search
  English  ▼

X  

LWH1032N Datasheet(PDF) 15 Page - LUXPIA

Part # LWH1032N
Description  Specification for Approval
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUXPIA [LUXPIA]
Direct Link  http://www.luxpialed.com
Logo LUXPIA - LUXPIA

LWH1032N Datasheet(HTML) 15 Page - LUXPIA

Back Button LWH1032N Datasheet HTML 11Page - LUXPIA LWH1032N Datasheet HTML 12Page - LUXPIA LWH1032N Datasheet HTML 13Page - LUXPIA LWH1032N Datasheet HTML 14Page - LUXPIA LWH1032N Datasheet HTML 15Page - LUXPIA LWH1032N Datasheet HTML 16Page - LUXPIA LWH1032N Datasheet HTML 17Page - LUXPIA LWH1032N Datasheet HTML 18Page - LUXPIA LWH1032N Datasheet HTML 19Page - LUXPIA Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
14/20
(Ver 1.0)
(4) Recommended circuit
• In designing a circuit, the current though each LED must not exceed its absolute maximum rating. It is
recommended to use Circuit B which regulates the current flowing through each LED. In the meanwhile,
when driving LEDs with a constant voltage in Circuit A, the current through the LEDs may vary due to the
variation in forward (VF) of the LEDs. In worst case, some LED may be subjected to stresses in excess of the
absolute maximum rating.
• This product should be operated in forward bias. Driving circuit must be designed so that the product is not
subjected to either forward or reverse voltage while it is off. In particular, if a reverse voltage is continuously
applied to the product, such operation can cause migration resulting in LED damage.
• Please determine the operating current with consideration of the ambient temperature local to the LED and
refer to the plot of Ambient temperature vs. Allowable Forward Current on CHARACTERISTICS in this
specifications. Please also take measures to remove heat from the area near the LED to improve the
operational characteristics of the LED.
(5) Handling Precautions
• Bare Hand
When handling the product, touching encapsulant with bare hands will contaminate its surface that could
affects optical characteristics. In the worst cases, excessive force the encapsulant by hands might result in
catastrophic failure of the LEDs due to wire deformation and/or breakage.
• Tweezers
Since silicone used as encapsulating resin in this product is a soft material, the upper surface of the product
is soft. Pressuring onto the product might cause catastrophic failure of the LEDs due to damage to
encapsulant (such as scratch, chip-out and delamination) and wire (such as deformation and breakage) and
LED detachment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com