Electronic Components Datasheet Search
  English  ▼

X  

AM7969-175 Datasheet(PDF) 86 Page - Advanced Micro Devices

Part # AM7969-175
Description  TAXIchip Integrated Circuits(Transparent Asynchronous Xmitter-Receiver Interface)
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7969-175 Datasheet(HTML) 86 Page - Advanced Micro Devices

Back Button AM7969-175 Datasheet HTML 82Page - Advanced Micro Devices AM7969-175 Datasheet HTML 83Page - Advanced Micro Devices AM7969-175 Datasheet HTML 84Page - Advanced Micro Devices AM7969-175 Datasheet HTML 85Page - Advanced Micro Devices AM7969-175 Datasheet HTML 86Page - Advanced Micro Devices AM7969-175 Datasheet HTML 87Page - Advanced Micro Devices AM7969-175 Datasheet HTML 88Page - Advanced Micro Devices AM7969-175 Datasheet HTML 89Page - Advanced Micro Devices AM7969-175 Datasheet HTML 90Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 127 page
background image
AMD
82
TAXIchip Integrated Circuits Technical Manual
Figure 7-7
Receiver Timing in Auto-Repeat Configuration
Sync
Data 1
Data 2
Data 3
Serial
Data
CNB1
IGM1
CNB2
IGM2
CNB3
IGM3 =
CNB1
Note:
Only when a Receiver has a CNB = 1, can it accept new data. It then raises its IGM when it sees a non-Sync
byte. It won’t accept another data byte until it’s CNB has gone LOW and HIGH again.
12330E-29
When IGM1 goes high, CNB2 goes high. This allows RX2 to decode the next byte and
raise it’s IGM. IGM2 is connected to CNB3 and RX3 is now allowed to decode the next
byte and raise its IGM.
In Figure 7-8 since IGM3 =
CNB1, CNB1 goes LOW.
When CNB1 goes LOW, RX1 is reset and it pulls it’s IGM LOW (t46 ns).
Since IGM1 is connected to CNB2, RX2 is reset and pulls its IGM LOW t46 ns later.
CNB3 = IGM2 goes LOW, which causes IGM3 to follow it LOW t46 ns later. IGM3 going
LOW makes CNB1 go HIGH again and RX1 is now set to receive the next byte of data
on the SERIN.
See Figure 7-9. Thus, the cycle starts over again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com