Electronic Components Datasheet Search
  English  ▼

X  

AM7969 Datasheet(PDF) 54 Page - Advanced Micro Devices

Part # AM7969
Description  TAXIchip Integrated Circuits(Transparent Asynchronous Xmitter-Receiver Interface)
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7969 Datasheet(HTML) 54 Page - Advanced Micro Devices

Back Button AM7969 Datasheet HTML 50Page - Advanced Micro Devices AM7969 Datasheet HTML 51Page - Advanced Micro Devices AM7969 Datasheet HTML 52Page - Advanced Micro Devices AM7969 Datasheet HTML 53Page - Advanced Micro Devices AM7969 Datasheet HTML 54Page - Advanced Micro Devices AM7969 Datasheet HTML 55Page - Advanced Micro Devices AM7969 Datasheet HTML 56Page - Advanced Micro Devices AM7969 Datasheet HTML 57Page - Advanced Micro Devices AM7969 Datasheet HTML 58Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 127 page
background image
50
Publication# 12330
Rev. E
Amendment /0
Issue Date: April 1994
TAXIchipTM Integrated Circuits
Technical Manual
1.0 INTRODUCTION
Modern electronic systems move data from point-to-point across physical layer bounda-
ries using either serial or parallel data links. Parallel data links provide fast data
transfers and are compatible with most computer architectures. However, conventional
parallel data links are burdened with cost/performance issues such as costly multi-con-
ductor cables, crosstalk, RFI, bit-to-bit skew and other concerns associated with multiple
wire interfaces. Serial data links, although simpler and less costly, have not provided
sufficient bandwidth to compete with the high data transfer rates of parallel links.
Recent technological advances have altered the cost performance trade-off between
serial and parallel data transfer techniques. A new chip set from Advanced Micro
Devices offers a high performance integrated alternative to traditional serial/parallel data
transfer techniques. The TAXlchip set (Transparent Asynchronous Xmitter-Receiver
Interface) provides the means to establish a transparent high speed serial link between
two high performance parallel buses. The TAXlchip set consists of a Transmitter, which
takes parallel data and transmits it serially at up to 175 MHz, and a Receiver, which
converts the serial data stream back to parallel form. TAXlchips provide a simple parallel
interface through a high speed serial link, while maintaining the data bandwidth required
by the system.
1.1 The Am7968 TAXI Transmitter
The TAXITM Transmitter consists of an input latch, an encoder, a parallel to serial shift
register, a multiplying Phase Locked Loop (PLL), and some control logic (Figure 1-1).
Data are input to the latch, encoded, and shifted out at the serial data rate. The encod-
ing used is the efficient 4B/5B scheme specified for the ANSI X3T9.5 Fiber Distributed
Data Interface (FDDI specification). This encoding divides an 8-bit byte into two, 4-bit
nibbles. Each nibble is encoded into a 5-bit symbol. The 10-bit encoded byte is format-
ted into an NRZI data stream for output to the media. This 4B/5B encoding is 80%
efficient, using a 125 Mbaud transmission rate to send 100 Mbps of data.
The Am7968 Transmitter has differential pseudo-ECL (referenced to +5 V) outputs
which can drive 50
Ω lines. This capability makes it easy to directly interface with
shielded twisted pair or coaxial cables.
The pseudo-ECL outputs are also compatible with the ECL interface of optical compo-
nents used to drive fiber optic cable. In addition to providing high bandwidth and low
attenuation, fiber optic data transmission also offers noise immunity, eliminates RFI and
provides data security. Declining optical components costs are bringing the advantages
of fiber optic data transmission to an ever wider range of applications, from process
control to avionics. The TAXlchip set is the ideal complement for fiber optic interfaces.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com