Electronic Components Datasheet Search
  English  ▼

X  

AM7969 Datasheet(PDF) 125 Page - Advanced Micro Devices

Part # AM7969
Description  TAXIchip Integrated Circuits(Transparent Asynchronous Xmitter-Receiver Interface)
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7969 Datasheet(HTML) 125 Page - Advanced Micro Devices

Back Button AM7969 Datasheet HTML 119Page - Advanced Micro Devices AM7969 Datasheet HTML 120Page - Advanced Micro Devices AM7969 Datasheet HTML 121Page - Advanced Micro Devices AM7969 Datasheet HTML 122Page - Advanced Micro Devices AM7969 Datasheet HTML 123Page - Advanced Micro Devices AM7969 Datasheet HTML 124Page - Advanced Micro Devices AM7969 Datasheet HTML 125Page - Advanced Micro Devices AM7969 Datasheet HTML 126Page - Advanced Micro Devices AM7969 Datasheet HTML 127Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 125 / 127 page
background image
AMD
121
TAXIchip Integrated Circuits Technical Manual
Assembly/Packaging:
CerDIP (CD 028)
LCC (CLT028)
PLCC (PL 028)
Assembly Location:
Manila
Bangkok
Ld. Frame Material:
CD: Alloy 42
Copper
Bond Wire:
1.25 mil
1.25 mil Au
Al/Si (1% Si)
Bonding Method:
Ultrasonic
Ball Bonding
Die Attach:
Ag Glass
Ag Filled Epoxy
Molding Compound:
N/A
Sumitomo 6300H
Lead Finish
CD 028 Comm.:
Tin Plate
CD 028 Mil.:
Solder Dip
CLT028 Mil.:
Solder Dip
PL 028:
Solder Plate
Thermal Impedance:
CD 0281
CLT0282
PL 0282
θJA
TX :
41
°C/W
n/a
53
°C/W
RX:
43
°C/W
n/a
52
°C/W
θJC
TX, RX:
4
°C/W
10
°C/W
12
°C/W
1 socketed
2 surface mounted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com