Electronic Components Datasheet Search
  English  ▼

X  

AWG5014C Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # AWG5014C
Description  ArbitraryWaveform Generators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AWG5014C Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button AWG5014C Datasheet HTML 5Page - List of Unclassifed Manufacturers AWG5014C Datasheet HTML 6Page - List of Unclassifed Manufacturers AWG5014C Datasheet HTML 7Page - List of Unclassifed Manufacturers AWG5014C Datasheet HTML 8Page - List of Unclassifed Manufacturers AWG5014C Datasheet HTML 9Page - List of Unclassifed Manufacturers AWG5014C Datasheet HTML 10Page - List of Unclassifed Manufacturers AWG5014C Datasheet HTML 11Page - List of Unclassifed Manufacturers AWG5014C Datasheet HTML 12Page - List of Unclassifed Manufacturers AWG5014C Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Arbitrary Waveform Generators — AWG5000 Series
AWG5000C Series Common Features
Common Hardware Characteristics
Characteristic
AWG5014C
AWG5012C
AWG5002C
Number of Outputs
4 channels
2 channels
Output connector
Differential, BNC (front panel)
Output impedance
50 Ω
Waveform Length
Standard – to 16M points
Extended memory – to 32M points
Number of Waveforms
1to16,200
Sequence Length/Counter
1to8,000 steps
1 to 65,536 count
Run Modes
Continuous
Waveform is iteratively output. If a sequence is defined, the sequence order and repeat functions are applied
Triggered
Waveform is output only once when an internal, external, programmatic (GPIB, LAN), or manual trigger is received
Gated
Waveform begins output when gate is "True" and resets when gate is "False"
Sequence
Waveform is output as defined by the sequence selected
Jump
Synchronous and asynchronous
Sampling Clock
Resolution
8 digits
Accuracy
Within ±(1 ppm + Aging)
Aging: Within ±1 ppm per year
Internal Trigger Generator
Range
1.0µsto10.0s
Resolution
3 digits, 0.1 µs minimum
Output Skew Control
Range
–5 ns to5ns
Resolution
5ps
Common Software Characteristics
Characteristic
AWG5014C
AWG5012C
AWG5002C
Operating System / Peripherals / IO
Windows 7
4 GB memory CD/DVD drive (front panel)
300 GB Solid State Drive (std) / 1 TB Mechanical Hard Disk Drive (opt) (rear-panel removable, optional front mount kit)
USB compact keyboard and mouse
USB 2.0 compliant ports (6 total – 2 front, 4 rear)
PS/2 mouse and keyboard connections (rear panel)
RJ-45 Ethernet connector (rear panel) supports 10/100/1000BASE-T
eSATA (rear panel)
DVI/I Video (rear panel)
Display Characteristics
LED backlit monitor with touch screen, 10.4 in. (264 mm) 1024 × 768 (V) XGA
Waveform File Import Capability
Import waveform format by series:
*.AWG file created by Tektronix AWG5000 or AWG7000 Series
*.PAT, *.SEQ, *.WFM, and *.EQU file formats created by Tektronix arbitrary waveform generators
such as the AWG400/500/600/700 Series
*.TIQ and *.IQT files created by Tektronix real-time spectrum analyzers
*.TFW file created by Tektronix AFG3000 Series arbitrary/function generators
*.DTG file created by Tektronix DTG5000 Series data timing generators
*.WFM or *.ISF file created by Tektronix TDS/DPO Series oscilloscopes text file (*.TXT)
Waveform File Export Capability
Export waveform format by series:
Tektronix AWG400/500/600/700 (*.wfm or *.pat) and text format
Software Driver for Third-party
Applications
IVI-COM driver, MATLAB library
Instrument Control / Data Transfer
GPIB
Remote control and data transfer (conforms to IEEE-Std 488.1, compatible with IEEE-Std 488.2 and SCPI-1999.0)
Ethernet
Remote control and data transfer (conforms to IEEE-Std 802.3)
TekLink
Remote control and data transfer (proprietary bus for Tektronix product high-speed interconnection and communication)
LAN eXtensions for Instrumentation (LXI)
Class LXI Class C
Version 1.3
www.tektronix.com/awg5000 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com