Electronic Components Datasheet Search
  English  ▼

X  

AFG3052C Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AFG3052C
Description  Arbitrary Function Generators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AFG3052C Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AFG3052C Datasheet HTML 1Page - List of Unclassifed Manufacturers AFG3052C Datasheet HTML 2Page - List of Unclassifed Manufacturers AFG3052C Datasheet HTML 3Page - List of Unclassifed Manufacturers AFG3052C Datasheet HTML 4Page - List of Unclassifed Manufacturers AFG3052C Datasheet HTML 5Page - List of Unclassifed Manufacturers AFG3052C Datasheet HTML 6Page - List of Unclassifed Manufacturers AFG3052C Datasheet HTML 7Page - List of Unclassifed Manufacturers AFG3052C Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Arbitrary Function Generators — AFG3000C Series
Sweep: Max Start/Stop Frequency
Characteristic
AFG3011C
AFG3021C
AFG3022C
AFG3051C
AFG3052C
AFG3101C
AFG3102C
AFG3251C
AFG3252C
Sine
10 MHz
25 MHz
50 MHz
100 MHz
240 MHz
Square
5 MHz
25 MHz
40 MHz
50 MHz
120 MHz
ARB
5 MHz
12.5 MHz
25 MHz
50 MHz
120 MHz
Others
100 kHz
500 kHz
800 kHz
1 MHz
2.4 MHz
Frequency Shift Keying
Characteristic
Description
Carrier Waveforms
All, except Pulse, Noise, and DC
Source
Internal/External
Internal Modulating
Frequency
2 mHz to 1.000 MHz
Number of Keys
2
Sweep
Characteristic
Description
Waveforms
All, except Pulse, Noise, and DC
Type
Linear, logarithmic
Sweep Time
1msto300 s
Hold/Return Time
0msto300 s
Max Total Sweep Time 300 s
Resolution
1 ms or 4 digits
Total Sweep Time
Accuracy, typical
≤0.4%
Min Start/Stop
Frequency
All except ARB: 1 µHz
ARB: 1 mHz
Max Start/Stop
Frequency
See chart, below
Burst
Characteristic
Description
Waveforms
All, except Noise and DC
Type
Triggered, gated (1 to 1,000,000 cycles or Infinite)
Internal Trigger Rate
1 μsto500.0 s
Gate and Trigger
Sources
Internal, external, remote interface
Auxiliary Inputs
Characteristic
Description
Modulation Inputs Channel 1, Channel 2
Input range
All except FSK: ±1 V
FSK: 3.3 V logic level
Impedance
10 kΩ
Frequency range
DC to 25 kHz (122 kS/s)
External Triggered/Gated Burst Input
Level
TTL compatible
Impedance
10 kΩ
Pulse width
100 ns minimum
Slope
Positive/Negative, selectable
Trigger delay
0.0 ns to 85.000 s
Resolution
100 ps or 5 digits
Jitter (RMS), typical Burst: <500 ps (Trigger input to signal output)
10 MHz Reference Input
Impedance
1kΩ, AC coupled
Required Input
Voltage Swing
100 mVp-p to5Vp-p
Lock Range
10 MHz ±35 kHz
External Add Input
(CH1)
AFG3101C, AFG3102C, AFG3251C, AFG3252C only
Impedance
50 Ω
Input range
-1 Vto+1V(DC + peak AC)
Bandwidth
DC to 10 MHz (-3 dB) at 1 Vp-p
Auxiliary Outputs
Characteristic
Description
Trigger Output (Channel 1)
Level
Positive TTL level pulse into 1 kΩ
Impedance
50 Ω
Jitter (RMS), typical AFG3011C/21C/22C: 500 ps
AFG3051C/52C: 300ps
AFG3101C/02C: 200 ps
AFG3251C/52C: 100 ps
Max Frequency
4.9 MHz
(4.9 MHz to 50 MHz: A fraction of the frequency is output;
>50 MHz: no signal is output)
Clock Reference Out
(10 MHz)
AFG3101C, AFG3102C, AFG3251C, AFG3252C only
Impedance
50 Ω, AC coupled
Amplitude
1.2 Vp-p into 50 Ω load
www.tektronix.com 5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com