Electronic Components Datasheet Search
  English  ▼

X  

TST24AS00T Datasheet(PDF) 77 Page - ITT Industries

Part # TST24AS00T
Description  CANNON TRIDENT SERIES
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TST24AS00T Datasheet(HTML) 77 Page - ITT Industries

Back Button TST24AS00T Datasheet HTML 73Page - ITT Industries TST24AS00T Datasheet HTML 74Page - ITT Industries TST24AS00T Datasheet HTML 75Page - ITT Industries TST24AS00T Datasheet HTML 76Page - ITT Industries TST24AS00T Datasheet HTML 77Page - ITT Industries TST24AS00T Datasheet HTML 78Page - ITT Industries TST24AS00T Datasheet HTML 79Page - ITT Industries TST24AS00T Datasheet HTML 80Page - ITT Industries TST24AS00T Datasheet HTML 81Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 96 page
background image
77
www.ittcannon.com
Dimensions shown in mm (inch)
Specifications and dimensions subject to change
Contact Insertion
No insertion tool is required. Trident
contacts are inserted from the rear of the
connector and held in place by retention
tines (cantilever springs). These tines
compress during insertion. They expand
once contact is in place and prevent the
contact from backing out.
Proper Insertion of Trident Contact
Contact Retention Forces
• Minimum retention force of the
contact to the insulator.
Contact
Newton(s)
Signal Contacts
67
(Formed Crimp, Machined Crimp,
Solder Cup, Flow Solder)
Coaxial Contacts
67
30 A Power Contacts
100
Note: Newton is a metric unit of force. One pound = 4.45 Newtons
Trident Assembly
Instructions (For Neptune and
TNM Assembly, see page 78)
Assembly instructions:
1. Grasp the crimped or soldered contact
just behind where the wire enters the
contact.
2. Push the contact into the connector
cavity until it locks into place.
3. Pull on the wire slightly to verify that
the contact is secure.
4. Inspect the mating face of the
connector. The contacts should extend
the same distance into the connector.
Contact Insertion - Slimline
RETENTION TINE
Contact Insertion - Ringlock
Assembly Instructions
Cannon Trident Connectors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com