Electronic Components Datasheet Search
  English  ▼

X  

AM79C940 Datasheet(PDF) 119 Page - Advanced Micro Devices

Part # AM79C940
Description  Media Access Controller for Ethernet (MACE)
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940 Datasheet(HTML) 119 Page - Advanced Micro Devices

Back Button AM79C940 Datasheet HTML 114Page - Advanced Micro Devices AM79C940 Datasheet HTML 115Page - Advanced Micro Devices AM79C940 Datasheet HTML 116Page - Advanced Micro Devices AM79C940 Datasheet HTML 117Page - Advanced Micro Devices AM79C940 Datasheet HTML 118Page - Advanced Micro Devices AM79C940 Datasheet HTML 119Page - Advanced Micro Devices AM79C940 Datasheet HTML 120Page - Advanced Micro Devices AM79C940 Datasheet HTML 121Page - Advanced Micro Devices AM79C940 Datasheet HTML 122Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 119 / 122 page
background image
AMD
B-2
Am79C940
“DVSS2:92,” &
“TXDAT1:93, TXDAT0:94,” &
“DVSSP:95,” &
“STDCLK:96, TXEN_L:97, CLSN:98, RXDAT:99, RXCRS:100);
constant PLCC_PACKAGE : PIN_MAP_STRING :=
“SRDCLK:12, EAM_R_L:13, SRD:14, SF_BD:15, RESET_L:16, SLEEP_L:17,” &
“DVDDP:18,” &
“INTR_L:19, TC_L:20,” &
“DBUS:(39, 38, 36, 35, 34, 33, 32, 31, 30, 29, 28, 26, 25, 24, 23, 21),” &
“DVSSN1:22, DVSSN2:27, DVDDN:37, DVSSN3:39,” &
“EOF_L:41, DTV_L:42, FDS_L:43, BE0_L:44, BE1_L:45, SCLK:46,” &
“TDTREQ_L:47, RDTREQ_L:48, ADD: (53, 52, 51, 50, 49),” &
“R_W_L:54, CS_L:55, RXPOL_L:56, LNKST_L:57,” &
“TDO:58, TMS:59, TCK:60,” &
“DVSS1:61,” &
“TDI:62,” &
“DVDD1:63,” &
“RXD0:64, RXD1:65,” &
“AVDD1:66,” &
“TXP0:67, TXD0:68, TXP1:69, TXD1:70,” &
“AVDD2:71,” &
“XTAL1:72,” &
“AVSS1:73,” &
“XTAL2:74,” &
“AVSS2:75,” &
“DO0:76, DO1:77,” &
“AVDD3:78,” &
“DI0:79, DI1:80, CI0:81, CI1:82,” &
“AVDD4:83,” &
“DVDD2:84,” &
“DXRCV_L:1, EDSEL:2,” &
“DVSS2:3,” &
“TXDAT1:4, TXDAT0:5,” &
“DVSSP:6,” &
“STDCLK:7, TXEN_L:8, CLSN:9, RXDAT:10, RXCRS:11);
attribute TAP_SCAN_IN of TDI : signal is true;
attribute TAP_SCAN_MODE of TMS : signal is true;
attribute TAP_SCAN_OUT of TDO : signal is true;
attribute TAP_SCAN_CLOCK of TCK : signal is (10.0e6, BOTH);
attribute INSTRUCTION_LENGTH of am79c940 : entity is 4;
attribute INSTRUCTION_OPCODE of am79c940 : entity is
“Extest
(0000),” &
“Idcode
(0001),” &
“Sample
(0010),” &
“Tribyp
(0011),” &
“Setbyp
(0100),” &
“Selftst
(0101),” &
“Bypass
(0110, 0111, 1000, 1001, 1010, 1011, 1100, 1101, 1110, 1111)”;
attribute INSTRUCTION_CAPTURE of am79c940 : entity is “0001”;
attribute INSTRUCTION_DISABLE of am79c940 : entity is “Tribyp”;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com