Electronic Components Datasheet Search
  English  ▼

X  

AM79C940 Datasheet(PDF) 120 Page - Advanced Micro Devices

Part # AM79C940
Description  Media Access Controller for Ethernet (MACE)
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940 Datasheet(HTML) 120 Page - Advanced Micro Devices

Back Button AM79C940 Datasheet HTML 114Page - Advanced Micro Devices AM79C940 Datasheet HTML 115Page - Advanced Micro Devices AM79C940 Datasheet HTML 116Page - Advanced Micro Devices AM79C940 Datasheet HTML 117Page - Advanced Micro Devices AM79C940 Datasheet HTML 118Page - Advanced Micro Devices AM79C940 Datasheet HTML 119Page - Advanced Micro Devices AM79C940 Datasheet HTML 120Page - Advanced Micro Devices AM79C940 Datasheet HTML 121Page - Advanced Micro Devices AM79C940 Datasheet HTML 122Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 120 / 122 page
background image
AMD
B-3
Am79C940
attribute INSTRUCTION_PRIVATE of am79c940 : entity is “Selftst”;
attribute IDCODE_REGISTER of am79c940 : entity is
“0000” &
– 4 bit version
“1001010000000000” &
– 16 bit part number
”00000000001” & – 11 bit manufacturer
“1”;
– mandatory LSB
attribute REGISTER_ACCESS of am79c940 : entity is
“Boundary (Extest, Sample, Selftst),” &
“Bypass (Bypass, Tribyp, Setbyp),” &
“Idcode (Idcode)”;
attribute BOUNDARY_CELL of am79c940 : entity is “BC_1,BC_4”;
attribute BOUNDARY_LENGTH of am79c940 : entity is 99
– num cell
port
function
safe
(ccell
disval
rslt)
“98 (BC_1,
*,
internal,
0),” &
– COL_SQL
“97 (BC_1,
*,
internal,
0),” &
– AUI_NSQ
“96 (BC_1,
*,
internal,
0),” &
– XMTD
“95 (BC_1,
*,
internal,
0),” &
– AUIEN
“94 (BC_1,
*,
internal,
0),” &
– TXD0L
“93 (BC_1,
*,
internal,
0),” &
– TXP0L
“92 (BC_1,
*,
internal,
0),” &
– TXEN
“91 (BC_1,
*,
internal,
0),” &
– PSQ_O xor FIXPOL
“90 (BC_1,
*,
internal,
0),” &
– CLK20
“89 (BC_1,
DXRCV_L,
output3,
X,
88,
0,
Z),” &
“88 (BC_1,
*,
control,
0),” &
– TRI PWDNBAR
“87 (BC_1,
EDSEL,
input,
1),” &
“86 (BC_1,
TXDAT1,
input,
1),” &
“85 (BC_1,
TXDAT1,
output3,
X,
83,
0,
Z),” &
“84 (BC_1,
TXDAT0,
output3,
X,
83,
0,
Z),” &
“83 (BC_1,
*,
control,
0),” &
– TRI TXDAT+/TXDAT–
“82 (BC_1,
STDCLK,
input,
0),” &
“81 (BC_1,
STDCLK,
output3,
X,
80,
0,
Z),” &
“80 (BC_1,
*,
control,
0),” &
– TRI STDCLK
“79 (BC_1,
TXEN_L,
input,
0),” &
“78 (BC_1,
TXEN_L,
output3,
X,
77,
0,
Z),” &
“77 (BC_1,
*,
control,
0),” &
– TRI TXEN_L
“76 (BC_1,
CLSN,
input,
0),” &
“75 (BC_1,
CLSN,
output3,
X,
74,
0,
Z),” &
“74 (BC_1,
*,
control,
0),” &
– TRI CLSN
“73 (BC_1,
RXDAT,
input,
0),” &
“72 (BC_1,
RXDAT,
output3,
X,
71,
0,
Z),” &
“71 (BC_1,
*,
control,
0),” &
– TRI RXDAT
“70 (BC_1,
RXCRS,
input,
0),” &
“69 (BC_1,
RXCRS,
output3,
X,
68,
0,
Z),” &
“68 (BC_1,
*,
control,
0),” &
– TRI RXCRS
“67 (BC_1,
SRDCLK,
input,
0),” &
“66 (BC_1,
SRDCLK,
output3,
X,
65,
0,
Z),” &
“65 (BC_1,
*,
control,
0),” &
– TRI SRDCLK
“64 (BC_1,
EAM_R,
input,
0),” &
“63 (BC_1,
SRD,
output3,
X,
61,
0,
Z),” &
“62 (BC_1,
SF_BD,
output3,
X,
61,
0,
Z),” &



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com