Electronic Components Datasheet Search
  English  ▼

X  

AM79C971 Datasheet(PDF) 197 Page - Advanced Micro Devices

Part # AM79C971
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971 Datasheet(HTML) 197 Page - Advanced Micro Devices

Back Button AM79C971 Datasheet HTML 193Page - Advanced Micro Devices AM79C971 Datasheet HTML 194Page - Advanced Micro Devices AM79C971 Datasheet HTML 195Page - Advanced Micro Devices AM79C971 Datasheet HTML 196Page - Advanced Micro Devices AM79C971 Datasheet HTML 197Page - Advanced Micro Devices AM79C971 Datasheet HTML 198Page - Advanced Micro Devices AM79C971 Datasheet HTML 199Page - Advanced Micro Devices AM79C971 Datasheet HTML 200Page - Advanced Micro Devices AM79C971 Datasheet HTML 201Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 265 page
background image
Am79C971
197
AM79C971 CONTROL AND STATUS REGISTERS (CONTINUED)
Register
Contents
CSR58
Software Style (mapped to BCR20)
bits [7:0] = SWSTYLE, Software Style Register.
0000
LANCE/PCnet-ISA
0002
PCnet-32
8000
--
4000
--
2000
--
1000
--
0800
--
0400
APERREN
0200
CSRPCNET
0100
SSIZE32
0080
SWSTYLE7
0040
SWSTYLE6
0020
SWSTYLE5
0010
SWSTYLE4
0008
SWSTYLE3
0004
SWSTYLE2
0002
SWSTYLE1
0001
SWSTYLE0
CSR76
RCVRL: RCV Descriptor Ring length
CSR78
XMTRL: XMT Descriptor Ring length
CSR80
FIFO threshold and DMA burst control. (DEFAULT = 2810)
8000
Reserved
4000
Reserved
bits [13:12] = RCVFW, Receive FIFO Watermark
0000
Request DMA when 16 bytes are present
1000
Request DMA when 64 bytes are present
2000
Request DMA when 112 bytes are present
3000
Reserved
bits [11:10] = XMTSP, Transmit Start Point
0000
Start transmission after 20/44 (No SRAM/SRM) bytes have been written
0400
Start transmission after 64 bytes have been written
0800
Start transmission after 128 bytes have been written
0C00
Start transmission after 248 bytes (full packet) have been written
bits [9:8] = XMTFW, Transmit FIFO Watermark
0000
Start DMA when 16 write cycles can be made
0100
Start DMA when 64 write cycles can be made
0200
Start DMA when 108 write cycles can be made
0300
Reserved
bits [7:0] = DMA Transfer Counter
CSR88~89
Chip ID (Contents = v2623003; v = Version Number)
CSR112
Missed Frame Count
CSR114
Receive Collision Count
CSR122
Receive Frame Alignment Control
8000
--
4000
--
2000
--
1000
--
0800
--
0400
--
0200
--
0100
--
0080
--
0040
--
0020
--
0010
--
0008
--
0004
--
0002
--
0001
RCVALGN
CSR124
BMU Test Register (DEFAULT = 0000)
8000
--
4000
--
2000
--
1000
--
0800
--
0400
--
0200
--
0100
--
0080
--
0040
--
0020
--
0010
--
0008
GPSIEN
0004
RPA
0002
--
0001
--
CSR125
MAC Enhanced Configuration Control (DEFAULT = 603c
bits [15:8] = IPG, InterPacket Gap (Default=60xx, 96 bit times)
bits [8:0] = IFS1, InterFrame Space Part 1 (Default=xx3c, 60 bit times)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com