Electronic Components Datasheet Search
  English  ▼

X  

AM79C971 Datasheet(PDF) 200 Page - Advanced Micro Devices

Part # AM79C971
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971 Datasheet(HTML) 200 Page - Advanced Micro Devices

Back Button AM79C971 Datasheet HTML 196Page - Advanced Micro Devices AM79C971 Datasheet HTML 197Page - Advanced Micro Devices AM79C971 Datasheet HTML 198Page - Advanced Micro Devices AM79C971 Datasheet HTML 199Page - Advanced Micro Devices AM79C971 Datasheet HTML 200Page - Advanced Micro Devices AM79C971 Datasheet HTML 201Page - Advanced Micro Devices AM79C971 Datasheet HTML 202Page - Advanced Micro Devices AM79C971 Datasheet HTML 203Page - Advanced Micro Devices AM79C971 Datasheet HTML 204Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 265 page
background image
200
Am79C971
ABSOLUTE MAXIMUM RATINGS
Storage Temperature ........................ –65
°C to +150°C
Ambient Temperature .......................... -65
°C to +70°C
Supply voltage with
respect to AVSS, VSSB, VSSM, VSS_PLL, VSS (AVDD, VDDB,
VDDM, VDD_PLL, VDD............................. –0.3 V to +6.0 V
Stresses above those listed under Absolute Maximum
Ratings may cause permanent device failure. Function-
ality at or above these limits is not implied. Exposure to
Absolute Maximum Ratings for extended periods may
affect device reliability.
OPERATING RANGES
Commercial (C) Devices
Temperature (TA) ................................... 0
°C to +70°C
Supply Voltages (AVDD, VDD_PLL, VDD) ..........+5 V ±5%
(VDDB for 5-V Signaling) ...........................+5 V ±5%
(VDD_PCI for 3.3-V Signaling) ..............+ 3.3 V ±10%
All inputs within the range:
AVSS - 0.5 V _ VIN _ AVDD + 0.5 V,
or VSSB - 0.5 V _ VIN _ VDD_PCI + 0.5 V,
or VSS_PLL - 0.5 V _ VIN _ VDD_PLL + 0.5V,
or VSS - 0.5 V _ VIN _ VDD + 0.5 V,
or VSSB - 0.5 < VIN < VDDB + 0.5V
Operating ranges define those limits between which the func-
tionality of the device is guaranteed.
DC CHARACTERISTICS OVER COMMERCIAL OPERATING RANGES unless otherwise
specified
Parameter
Symbol
Parameter Description
Test Conditions
Min
Max
Units
Digital Input Voltage for 5-V Signaling
VIL
Input LOW Voltage
0.8
V
VIH
Input HIGH Voltage
2.0
V
Digital Output Voltage for 5-V Signaling
VOL
Output LOW Voltage
IOL1 = 3 mA
IOL2 = 6 mA
IOL3 = 12 mA
(Note 1)
0.45
V
VOH
Output HIGH Voltage (Note 2)
IOH 1= -2 mA
IOH 2= -4 mA
(Note 3)
2.4
V
Digital Input Leakage Current for 5-V Signaling
IIX
Input Low Leakage Current
(Note 4)
VIN = 0 V, VDD = VDDB = VDD_PCI =
5 V
-10
10
µA
Digital Output Leakage Current for 5-V Signaling
IOZL
Output Low Leakage Current
(Note 5)
VOUT = 0.4V
-10
µA
Digital Input Voltage for 3.3-V Signaling
VIL
Input LOW Voltage
-0.5
0.325
VDDB
VIH
Input HIGH Voltage
0.475 VDDB
VDDB +
0.5
Digital Output Voltage for 3.3-V Signaling
VOL
Output LOW Voltage
IOL = 1.5 mA
0.1
VDDB
VOH
Output HIGH Voltage (Note 2)
IOH = -0.5 mA
0.9 VDDB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com