Electronic Components Datasheet Search
  English  ▼

X  

AM79C971 Datasheet(PDF) 233 Page - Advanced Micro Devices

Part # AM79C971
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971 Datasheet(HTML) 233 Page - Advanced Micro Devices

Back Button AM79C971 Datasheet HTML 229Page - Advanced Micro Devices AM79C971 Datasheet HTML 230Page - Advanced Micro Devices AM79C971 Datasheet HTML 231Page - Advanced Micro Devices AM79C971 Datasheet HTML 232Page - Advanced Micro Devices AM79C971 Datasheet HTML 233Page - Advanced Micro Devices AM79C971 Datasheet HTML 234Page - Advanced Micro Devices AM79C971 Datasheet HTML 235Page - Advanced Micro Devices AM79C971 Datasheet HTML 236Page - Advanced Micro Devices AM79C971 Datasheet HTML 237Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 265 page
background image
APPENDIX B
Am79C971
B-1
Recommendation for Power and Ground
Decoupling
The mixed analog/digital circuitry in the Am79C971 de-
vice makes it imperative to provide noise-free power
and ground connections to the device. Without clean
power and ground connections, a design may suffer
from high bit error rates or may not function at all.
Hence, it is highly recommended that the guidelines
presented here are followed to ensure a reliable de-
sign.
Decoupling/Bypass Capacitors
Adequate decoupling of the power and ground pins and
planes is required by all Am79C971 designs. This in-
cludes both low-frequency bulk capacitors and high fre-
quency capacitors. It is recommended that at least
one low-frequency bulk (e.g., 22
µF) decoupling ca-
pacitor be used in the area of the Am79C971 device.
The bulk capacitor(s) should be connected directly to
the power and ground planes. In addition, at least
eight high frequency decoupling capacitors (e.g.,
0.1
µF multilayer ceramic capacitors of dielectric type
XDR) should be used around the periphery of the
PCnet-PCI II device to prevent power and ground
bounce from affecting device operation. To reduce the
inductance between the power and ground pins and
the capacitor, the pins should be connected directly to
the capacitors, rather than through the planes to the ca-
pacitors. The suggested connection scheme for the ca-
pacitors is shown in the figure below. Note also that the
traces connecting these pins to the capacitors should
be as wide as possible to reduce inductance (15 mils is
desirable).
Figure 1.
Connection Scheme for Capacitors
Am79C971
Am79C971
Am79C971
C
A
P
C
A
P
C
A
P
Best
OK
Not Recommended
19364D-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com