| Electronic Components Datasheet Search |
|
AM79C971 Datasheet(PDF) 237 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C971 Datasheet(HTML) 237 Page - Advanced Micro Devices |
|
237 / 265 page ![]() APPENDIX D Am79C971 D-1 Look-Ahead Packet Processing (LAPP) Concept INTRODUCTION A driver for the Am79C971 controller would normally re- quire that the CPU copy receive frame data from the controllers buffer space to the applications buffer space after the entire frame has been received by the control- ler. For applications that use a ping-pong windowing style, the traffic on the network will be halted until the current frame has been completely processed by the en- tire application stack. This means that the time between last byte of a receive frame arriving at the client’s Ether- net controller and the client’s transmission of the first byte of the next outgoing frame will be separated by: 1. The time that it takes the client’s CPU’s interrupt procedure to pass software control from the current task to the driver, 2. Plus the time that it takes the client driver to pass the header data to the application and request an application buffer, 3. Plus the time that it takes the application to gener- ate the buffer pointer and then return the buffer pointer to the driver, 4. Plus the time that it takes the client driver to transfer all of the frame data from the controller’s buffer space into the application’s buffer space and then call the application again to process the complete frame, 5. Plus the time that it takes the application to pro- cess the frame and generate the next outgoing frame, and 6. Plus the time that it takes the client driver to set up the descriptor for the controller and then write a TDMD bit to CSR0. The sum of these times can often be about the same as the time taken to actually transmit the frames on the wire, thereby, yielding a network utilization rate of less than 50 percent. An important thing to note is that the Am79C971 control- ler’s data transfers to its buffer space are such that the system bus is needed by the Am79C971 controller for approximately 4 percent of the time. This leaves 96 per- cent of the system bus bandwidth for the CPU to perform some of the interframe operations in advance of the completion of network receive activity, if possible. The question then becomes: how much of the tasks that need to be performed between reception of a frame and transmission of the next frame can be performed before the reception of the frame actually ends at the network, and how can the CPU be instructed to perform these tasks during the network reception time. The answer depends upon exactly what is happening in the driver and application code, but the steps that can be performed at the same time as the receive data are arriving include as much as the first three steps and part of the fourth step shown in the se- quence above. By performing these steps before the entire frame has arrived, the frame throughput can be substantially increased. A good increase in performance can be expected when the first three steps are performed before the end of the network receive operation. A much more significant perfo r m ance increa se could be re alized if th e Am79C971 controller could place the frame data di- rectly into the application’s buffer space; (i.e., eliminate the need for step 4.) In order to make this work, it is necessary that the application buffer pointer be deter- mined before the frame has completely arrived, then the buffer pointer in the next descriptor for the receive frame would need to be modified in order to direct the Am79C971 controller to write directly to the application buffer. More details on this operation will be given later. An alternative modification to the existing system can gain a smaller but still significant improvement in per- formance. This alternative leaves step 4 unchanged in that the CPU is still required to perform the copy oper- ation, but is allows a large portion of the copy operation to be done before the frame has been completely re- ceived by the controller, i.e., the CPU can perform the copy operation of the receive data from the Am79C971 controller’s buffer space into the application buffer space before the frame data has completely arrived from the network. This allows the copy operation of step 4 to be performed concurrently with the arrival of network data, rather than sequentially, following the end of network receive activity. Outline of LAPP Flow This section gives a suggested outline for a driver that utilizes the LAPP feature of the Am79C971 controller. Note: The labels in the following text are used as refer- ences in the timeline diagram that follows (Figure D1). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |