| Electronic Components Datasheet Search |
|
AM79C971 Datasheet(PDF) 238 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C971 Datasheet(HTML) 238 Page - Advanced Micro Devices |
|
238 / 265 page ![]() D-2 Am79C971 Setup The driver should set up descriptors in groups of three, with the OWN and STP bits of each set of three de- scriptors to read as follows: 11b, 10b, 00b. An option bit (LAPPEN) exists in CSR3, bit position 5; the software should set this bit. When set, the LAPPEN bit directs the Am79C971 controller to generate an IN- TERRUPT when STP has been written to a receive de- scriptor by the Am79C971 controller. Flow The Am79C971 controller polls the current receive de- scriptor at some point in time before a message arrives. The Am79C971 controller determines that this receive buffer is OWNed by the Am79C971 controller and it stores the descriptor information to be used when a message does arrive. N0 Frame preamble appears on the wire, followed by SFD and destination address. N1 The 64th byte of frame data arrives from the wire. This causes the Am79C971 controller to begin frame data DMA operations to the first buffer. C0 When the 64th byte of the message arrives, the Am79C971 controller performs a lookahead operation to the next receive descriptor. This descriptor should be owned by the Am79C971 controller. C1 The Am79C971 controller intermittently re- quests the bus to transfer frame data to the first buffer as it arrives on the wire. S1 The driver remains idle. C2 When the Am79C971 controller has completely filled the first buffer, it writes status to the first descriptor. C3 When the first descriptor for the frame has been written, changing ownership from the Am79C971 controller to the CPU, the Am79C971 controller will generate an SRP IN- TERRUPT. (This interrupt appears as a RINT interrupt in CSR0). S1 The SRP INTERRUPT causes the CPU to switch tasks to allow the Am79C971 controller’s driver to run. C4 During the CPU interrupt-generated task switching, the Am79C971 controller is perform- ing a lookahead operation to the third descrip- tor. At this point in time, the third descriptor is owned by the CPU. Note: Even though the third buffer is not owned by the Am79C971 controller, existing AMD Ethernet control- lers will continue to perform data DMA into the buffer space that the controller already owns (i.e., buffer num- ber 2). The controller does not know if buffer space in buffer number 2 will be sufficient or not for this frame, but it has no way to tell except by trying to move the en- tire message into that space. Only when the message does not fit will it signal a buffer error condition--there is no need to panic at this point that it discovers that it does not yet own descriptor number 3. S2 The first task of the drivers interrupt service routing is to collect the header information from the Am79C971 controller’s first buffer and pass it to the application. S3 The application will return an application buffer pointer to the driver. The driver will add an offset to the application data buffer pointer, since the Am79C971 controller will be placing the first portion of the message into the first and second buffers. (the modified application data buffer pointer will only be directly used by the Am79C971 controller when it reaches the third buffer.) The driver will place the modified data buffer pointer into the final descriptor of the group (#3) and will grant ownership of this de- scriptor to the Am79C971 controller. C5 Interleaved with S2, S3, and S4 driver activity, the Am79C971 controller will write frame data to buffer number 2. S4 The driver will next proceed to copy the con- tents of the Am79C971 controller’s first buffer to the beginning of the application space. This copy will be to the exact (unmodified) buffer pointer that was passed by the application. S5 After copying all of the data from the first buffer into the beginning of the application data buffer, the driver will begin to poll the ownership bit of the second descriptor. The driver is waiting for the Am79C971 controller to finish filling the sec- ond buffer. C6 At this point, knowing that it had not previously owned the third descriptor and knowing that the current message has not ended (there is more data in the FIFO), the Am79C971 controller will make a last ditch lookahead to the final (third) descriptor. This time the ownership will be TRUE (i.e., the descriptor belongs tot he con- troller), because the driver wrote the application pointer into this descriptor and then changed the ownership to give the descriptor to the Am79C971 controller back at S3. Note that if steps S1, S2, and S3 have not completed at this time, a BUFF error will result. C7 After filling the second buffer and performing the last chance lookahead to the next descrip- tor, the Am79C971 controller will write the sta- |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |