Electronic Components Datasheet Search
  English  ▼

X  

AM79C971 Datasheet(PDF) 254 Page - Advanced Micro Devices

Part # AM79C971
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971 Datasheet(HTML) 254 Page - Advanced Micro Devices

Back Button AM79C971 Datasheet HTML 250Page - Advanced Micro Devices AM79C971 Datasheet HTML 251Page - Advanced Micro Devices AM79C971 Datasheet HTML 252Page - Advanced Micro Devices AM79C971 Datasheet HTML 253Page - Advanced Micro Devices AM79C971 Datasheet HTML 254Page - Advanced Micro Devices AM79C971 Datasheet HTML 255Page - Advanced Micro Devices AM79C971 Datasheet HTML 256Page - Advanced Micro Devices AM79C971 Datasheet HTML 257Page - Advanced Micro Devices AM79C971 Datasheet HTML 258Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 265 page
background image
F-2
4)
Symptom: Part A - On the first attempt of reading CSR30, the system will suffer a PCI Retry. A subsequent
CSR30 access will be allowed to read the correct CSR30 data. Part B - If the LAAINC (BCR29, bit 14) bit is
set, and if a CSR30 read access is in the middle of a series of continuous reads of BCR30 for SRAM/Flash
access, the CSR30 access causes the SRAM/Flash address to auto-increment.
Implication: Part A - This is a minor erratum with no impact on the system. The PCI Retry does not cause
any system errors and will automatically recover. Part B - The system-level exposure to this problem is very
minimal. There is no exposure or customers of AMD’s PCnet drivers, because AMD’s drivers do not perform
CSR30 reads. For those developing proprietary diagnostic software routines, please follow the workaround
recommended below.
Workaround: Part A - None needed and none available. Part B - Disable the LAAINC bit prior to executing
the specific register access sequence outlined in the symptom statement; LAAINC bit may be enabled subse-
quent to executing the CSR30 read access.
Status: No current plan to fix this erratum.
5)
Symptom: In a high traffic network and with SRAM on and in 10Mbps mode, the babble error bit occasionally
gets set erroneously; no transmitter babbles are observed on the wire.
Implication: Some diagnostics software will report false babbles. No impact for customers who utilize the
PCnet family drivers since PCnet drivers do not report babble errors.
Workaround: Ignore the babble errors.
Status: No current plan to fix this erratum.
6)
Symptom: In an excessively high collision network, the device occasionally set the LCOL bit erroneously in
10Mbps mode with external SRAM enabled.
Implication: No discernible performance impact. Problem has only been observed in lab set up. Some diag-
nostics software will report false LCOL errors.
Workaround: None.
Status: No current plan to fix this erratum.
7)
Symptom: When PCnet-FAST receives a frame on the MII port with correct FCS followed by exactly one nib-
ble with RX_ER asserted, it does not report a FCS error.
Implication: None in an 802.3 compliant network. Observable in custom diagnostic tests for End of Shell De-
limiter (ESD) only.
Workaround: None.
Status: No current plan to fix this erratum.
8)
Symptom: When RCVE bit (bit 2, CSR4, 5, 6, and 7) is set and the MII port is selected, the LED output does
not indicate the correct receive status. This bit functions correctly for the internal 10 BASE-T and AUI ports.
Implication: LED output will not be asserted based on the receive activities at the MII port.
Workaround: Use RCVME bit (bit 5, CSR 4, 5, 6 and 7) in place of the RCVE bit for proper LED receive status
indication. The RCVME bit enables the indication of all received packets which pass the address match func-
tion for this node, whereas the RCVE bit enables the indication of all packets received.
Status: No current plan to fix this erratum.
9)
Symptom: During reception of a packet, if the CRS input to the device is de-asserted two RX_CLK times be-
fore the end of RX_DV, message byte counter (MCNT) will indicates one less byte and the last byte of the CRC
will be corrupt. If the CRS is de-asserted three or more RX_CLK times before the end of RX_DV, the CRC
error bit will be set and the packet will be lost.
Implication: Network performance might vary from normal to sluggish to no connection depending on the se-
verity and the rate of occurrence.
Workaround: The workaround for this problem is to OR the RX_DV and CSR signals from external PHY and
feed the output to the CRS input of the PCnet-FAST.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com