Electronic Components Datasheet Search
  English  ▼

X  

AM79C971 Datasheet(PDF) 257 Page - Advanced Micro Devices

Part # AM79C971
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971 Datasheet(HTML) 257 Page - Advanced Micro Devices

Back Button AM79C971 Datasheet HTML 253Page - Advanced Micro Devices AM79C971 Datasheet HTML 254Page - Advanced Micro Devices AM79C971 Datasheet HTML 255Page - Advanced Micro Devices AM79C971 Datasheet HTML 256Page - Advanced Micro Devices AM79C971 Datasheet HTML 257Page - Advanced Micro Devices AM79C971 Datasheet HTML 258Page - Advanced Micro Devices AM79C971 Datasheet HTML 259Page - Advanced Micro Devices AM79C971 Datasheet HTML 260Page - Advanced Micro Devices AM79C971 Datasheet HTML 261Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 265 page
background image
F-5
5) When using Auto-polling (BCR32, bit11), the ASEL bit (BCR2, bit1) should be reset to one, in order for the MII
Auto-poll logic (this is not the same as the descriptor Auto-polling) to correctly detect the link status change
on the MII PHY.
6) During the assertion of RST#, the EECS output becomes tri-stated. It is possible that the EECS may float to a
logic high state during this time. In order to prevent a hazardous condition due to this inadvertent selection of
the EEPROM, connect a 10K pull-down resistor from EECS to ground.
7) It is recommended that each poll to the SPND bit be performed with a software implemented delay of approxi-
mately 2-3 ms intervals. When the SPND bit (CSR5, bit0) is set in the device, the time that it takes to enter the
suspend mode is dependant on several factors. Some of these factors are; the number of packets queued for
transmission in the internal memory, the received packets still in the internal memory, the PCI bus grant time,
and the transmit channel availability in the half-duplex mode. To minimize unnecessary PCI Bus activity and
allow access to the PCI bus, it is recommended that each poll to the SPND bit be performed with a software
implemented delay of approximately 2-3 ms intervals. Successive polling or polling implemented with a hard-
ware delay will inhibit the device from completing its RX/TX DMA, causing longer delays before the device to
enter suspend mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com