Electronic Components Datasheet Search
  English  ▼

X  

AM79C971 Datasheet(PDF) 261 Page - Advanced Micro Devices

Part # AM79C971
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971 Datasheet(HTML) 261 Page - Advanced Micro Devices

Back Button AM79C971 Datasheet HTML 257Page - Advanced Micro Devices AM79C971 Datasheet HTML 258Page - Advanced Micro Devices AM79C971 Datasheet HTML 259Page - Advanced Micro Devices AM79C971 Datasheet HTML 260Page - Advanced Micro Devices AM79C971 Datasheet HTML 261Page - Advanced Micro Devices AM79C971 Datasheet HTML 262Page - Advanced Micro Devices AM79C971 Datasheet HTML 263Page - Advanced Micro Devices AM79C971 Datasheet HTML 264Page - Advanced Micro Devices AM79C971 Datasheet HTML 265Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 261 / 265 page
background image
I-3
Current Transmit Byte Count
137
CSR43
Current Transmit Status
137
CSR44
Next Receive Byte Count
137
CSR45
Next Receive Status
137
CSR46
Transmit Poll Time Counter
137
CSR47
Transmit Polling Interval
137
CSR48
Receive Poll Time Counter
138
CSR49
Receive Polling Interval
138
CSR5
Extended Control and Interrupt 1
123
CSR58
Software Style
139
CSR6
RX/TX Descriptor Table Length
125
CSR60
Previous Transmit Descriptor Address
Lower
140
CSR61
Previous Transmit Descriptor Address
Upper
140
CSR62
Previous Transmit Byte Count
141
CSR63
Previous Transmit Status
141
CSR64
Next Transmit Buffer Address Lower
141
CSR65
Next Transmit Buffer Address Upper
141
CSR66
Next Transmit Byte Count
141
CSR67
Next Transmit Status
141
CSR7
Extended Control and Interrupt 2
126
CSR72
Receive Ring Counter
142
CSR74
Transmit Ring Counter
142
CSR76
Receive Ring Length
142
CSR78
Transmit Ring Length
142
CSR8
Logical Address Filter 0
129
CSR80
DMA Transfer Counter and FIFO Threshold
Control
142
CSR82
Transmit Descriptor Address Pointer Lower
144
CSR84
DMA Address Register Lower
145
CSR86
Buffer Byte Counter
145
CSR88
Chip ID Register Lower
145
CSR89
Chip ID Register Upper
146
CSR9
Logical Address Filter 1
129
CSR92
Ring Length Conversion
146
D
Data Decoding
72
Data Registers, Other
100
DC Characteristics, Over Commercial
Operating Ranges Unless Otherwise
Specified
200
Decoupling/Bypass Capacitors
B-1
Descriptor
DMA Transfers
47
Rings
54
Detailed Functions
30
Differential Input Termination
72
Direct Access to the Interface
95
Direct Flash Access
86
Direct SRAM Access
92
Disconnect
Of Burst Transfer
34
Without Data Transfer
41
Distinctive Characteristics
1
DMA Transfers
FIFO
50
E
EEPROM Interface
22, 94
EEPROM MAP
95
EEPROM-Programmable Registers
95
Expansion Bus Interface
22, 84
AMD Flash Programming
89
Direct Flash Access
86
Direct SRAM Access
92
Expansion ROM - Boot Device Access
84
External SRAM Configuration
90
Frequency Demands for Network Operation 94
Low Latency Receive Configuration
92
No SRAM Configuration
92
SRAM Accesses
93
SRAM Interface Bandwidth Requirements
94
Expansion ROM - Boot Device Access
84
Expansion ROM Transfers
33
External Address Detection Interface
81
Internal PHY
81
Receive Frame Tagging
83
External Address Detection Interface,
EEPROM Interface
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com