Electronic Components Datasheet Search
  English  ▼

X  

AM79C971 Datasheet(PDF) 262 Page - Advanced Micro Devices

Part # AM79C971
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971 Datasheet(HTML) 262 Page - Advanced Micro Devices

Back Button AM79C971 Datasheet HTML 257Page - Advanced Micro Devices AM79C971 Datasheet HTML 258Page - Advanced Micro Devices AM79C971 Datasheet HTML 259Page - Advanced Micro Devices AM79C971 Datasheet HTML 260Page - Advanced Micro Devices AM79C971 Datasheet HTML 261Page - Advanced Micro Devices AM79C971 Datasheet HTML 262Page - Advanced Micro Devices AM79C971 Datasheet HTML 263Page - Advanced Micro Devices AM79C971 Datasheet HTML 264Page - Advanced Micro Devices AM79C971 Datasheet HTML 265Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 262 / 265 page
background image
I-4
External SRAM Configuration
90
F
FIFO DMA Transfers
50
Framing
Transmit and Receive Message Data
Encapsulation
60
Frequency Demands for Network Operation
Expansion Bus Interface
94
Full-Duplex
Link Status LED Support
76
Operation
75
Functions
Basic
29
Detailed
30
G
General Description
2
General Purpose Serial Interface
75
I
I/O Resources
103
IEEE 1149.1 (1990) Test Access Port
Interface
Boundary Scan Register
99
Instruction Register and Decoding Logic
99
Other Data Registers
100
Supported Instructions
99
TAP Finite State Machine
99
Initialization
Buffer Management Unit
53
Initialization Block
Description
180
DMA Transfers
47
LADRF
182
Mode
183
PADR
182
RDRA and TDRA
181
RLEN and TLEN
181
Input Signal Conditioning, MENDEC
71
Instruction Register and Decoding Logic
99
J
Jabber Function, Twisted Pair Transceiver
74
L
LADRF
182
LAPP Flow, Outline of
D-1
LAPP Setup
D-1
Late Collision
65
LED Support
97
Link Test Function, Twisted Pair Transceiver
73
Look-Ahead Packet Processing (LAPP) Concept D-1
Loopback Features
Media Independent Interface
69
Miscellaneous
69
Loss of Carrier
65
Low Latency Receive Configuration
92
M
MAC
60, 61, 62
Magic Packet Mode, Power Saving
97, 98
Manchester Encoder/Decoder
70
Carrier Tracking and End of Message
71
Clock Acquisition
71
Data Decoding
72
External Clock Drive Characteristics
70
External Crystal Characteristics
70
Input Signal Conditioning
71
Jitter Tolerance Definition
72
MENDEC Transmit Path
70
PLL Tracking
71
Receiver Path
71
Transmitter Timing and Operation
70
Manufacturer Contact Information
A-2
Master Abort
43
Master Bus Interface Unit
36
Bus Acquisition
36
Bus Master DMA Transfers
37
Basic Burst Read Transfer
37
Basic Burst Write Transfer
39
Basic Non-Burst Write Transfer
39
Burst FIFO DMA Transfers
52
Descriptor DMA Transfers
47
Disconnect With Data Transfer
40
Disconnect Without Data Transfer
41
FIFO DMA Transfers
50
Initialization Block DMA Transfers
47
Master Abort
43
Master Initiated Termination
42
Non-Burst FIFO DMA Transfers
50
Parity Error Response
43
Preemption During Burst Transaction
42
Preemption During Non-Burst
Transaction
42
Master Initiated Termination
42
Media Access Control
60
Collision Handling
63
Destination Address Handling
61
Error Detection
61
Framing
60
Management
61
Medium Allocation
62
Transmit and Receive Message Data
Encapsulation
60
Media Independent Interface
Auto-Poll External PHY Status Polling
78
Described
76
Loopback Features
69
Medium Allocation
62
MII Management Frames
78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com