Electronic Components Datasheet Search
  English  ▼

X  

AM79C971 Datasheet(PDF) 263 Page - Advanced Micro Devices

Part # AM79C971
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971 Datasheet(HTML) 263 Page - Advanced Micro Devices

Back Button AM79C971 Datasheet HTML 257Page - Advanced Micro Devices AM79C971 Datasheet HTML 258Page - Advanced Micro Devices AM79C971 Datasheet HTML 259Page - Advanced Micro Devices AM79C971 Datasheet HTML 260Page - Advanced Micro Devices AM79C971 Datasheet HTML 261Page - Advanced Micro Devices AM79C971 Datasheet HTML 262Page - Advanced Micro Devices AM79C971 Datasheet HTML 263Page - Advanced Micro Devices AM79C971 Datasheet HTML 264Page - Advanced Micro Devices AM79C971 Datasheet HTML 265Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 263 / 265 page
background image
I-5
MII Network Port Manager
79
MII Network Status Interface
77
MII Receive Interface
76
MII Transmit Interface
76
Transmit and Receive Message Data
Encapsulation
60
MENDEC Transmit Path
70
MII
60
MII, See Media Independent Interface
Miscellaneous Loopback Features
69
Mode
183
Modes
AUI
72
GPSI
75
T-MAU
69
N
Network Interfaces, Basic Functions
29
No SRAM Configuration, AMD Flash
Programming
92
Non-Burst FIFO DMA Transfers
50
O
Operating Ranges
200
Operating Ranges, DC Characteristics
200
Operation
Automatic Pad Generation
64
Transmit Exception Conditions
65
Transmit FCS Generation
64
Transmit Function Programming
63
Ordering Information
4
Outline, LAPP Flow
D-1
P
PADR
182
Parity Error Response
35, 43
PCI (Peripheral Component Interconnect)
Command Register
108
Expansion ROM Base Address Register
113
Header Type Register
111
Interrupt Line Register
114
Interrupt Pin Register
114
Latency Timer Register
111
MAX_LAT Register
114
Memory Mapped I/O Base Address
Register
112
MIN_GNT Register
114
PCI I/O Base Address Register
111
Programming Interface Register
111
Revision ID Register
111
Status Register
109
Sub-Class Register
111
Subsystem ID Register
113
Subsystem Vendor ID Register
113
Physical Dimensions
229
Pin Designations
Listed By Driver Type
17
Listed by Group
15
Listed by Pin Number
13
PLL Tracking
71
Polarity Detection and Reversal
73
Power Savings Modes
97
Magic Packet
98
Sleep
97
Power Supply Pins
28
Preemption
During Non-Burst Transaction
42
R
Receive
Descriptor Table Entry
58
Exception Conditions
68
FCS Checking
68
Operation
Address Matching
66
Automatic Pad Stripping
67
Exception Conditions
68
FCS Checking
68
Function Programming
66
Receive Descriptors
183
RMD0
183
RMD1
183
RMD2
185
RMD3
186
Receiver Path, Manchester Encoder/Decoder
71
Recommendation for Power and Ground
Decoupling
B-1
Register Programming Summary
196
Am79C971 Bus Configuration Registers
198
Am79C971 Control and Status Registers
196
Am79C971Programmable Registers
196
Related AMD Products
10
Reset
102
H_Reset
102
RLEN and TLEN
181
STOP
102
RMD0
183
RMD1
183
RMD2
185
RMD3
186
S
Signal Quality Error Test Function
74
Slave
Bus Interface Unit
30
Configuration Transfers
30
Slave I/O Transfers
30
Slave Cycle Termination
Disconnect of Burst Transfer
34
Parity Error Response
35
Sleep Mode
97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com