Electronic Components Datasheet Search
  English  ▼

X  

AM79C971 Datasheet(PDF) 264 Page - Advanced Micro Devices

Part # AM79C971
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971 Datasheet(HTML) 264 Page - Advanced Micro Devices

Back Button AM79C971 Datasheet HTML 257Page - Advanced Micro Devices AM79C971 Datasheet HTML 258Page - Advanced Micro Devices AM79C971 Datasheet HTML 259Page - Advanced Micro Devices AM79C971 Datasheet HTML 260Page - Advanced Micro Devices AM79C971 Datasheet HTML 261Page - Advanced Micro Devices AM79C971 Datasheet HTML 262Page - Advanced Micro Devices AM79C971 Datasheet HTML 263Page - Advanced Micro Devices AM79C971 Datasheet HTML 264Page - Advanced Micro Devices AM79C971 Datasheet HTML 265Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 264 / 265 page
background image
I-6
Software Access
102
I/O Resources
103
Address PROM Space
103
Double Word I/O Mode
104
I/O Registers
103
Reset Register
104
Word I/O Mode
104
PCI Configuration Registers
108
Software Interface, Basic Functions
29
Software Interrupt Timer
59
SQE Test Error
65
SRAM
Accesses
93
Configuration
90
SRAM Interface Bandwidth Requirements
94
STOP
102
Supported Instructions, IEEE 1149.1 Test
Access Port Interface
99
Switching
Key to Switching Waveforms
211
Test Circuits
211
Switching Characteristics
10Base-T Interface
206
Attachment Unit Interface
207
Bus Interface
203
External Address Detection Interface
210
General-Purpose Serial Interface
209
Media Independent Interface
208
Switching Waveforms
214
10BASE-T Interface
219
Attachment Unit Interface
221
Expansion Bus Interface
217
External Address Detection Interface
227
General-Purpose Serial Interface
226
Media Independent Interface
224
Receive Frame Tag
228
System Bus Interface
213
System Bus Interface, Basic Functions
29
T
10BASE-T Interface Connection
74
10Base-T Interface Connection
74
TAP Finite State Machine
99
T-MAU Loopback Modes
69
TMD0
186
TMD1
187
TMD2
188
TMD3
189
Transceiver
10Base-T Interface Connection
74
Collision Detection
72
Jabber Function
74
Link Test Function
73
Polarity Detection and Reversal
73
Signal Quality Error Test Function
74
Twisted Pair Interface Status
74
Twisted Pair Receive Function
73
Twisted Pair Transmit Function
72
Transmit
Exception Conditions
65
FCS Generation
64
Function Programming
63
Transmit and Receive Message Data
Encapsulation
60
Transmit Descriptor
Table Entry, Buffer Unit Management
57
Transmit Descriptors
Described
186
TMD0
186
TMD1
187
TMD2
188
TMD3
189
Transmit Exception Conditions
Late Collision
65
Loss of Carrier
65
SQE Test Error
65
Transmitter Timing and Operation
70
Twisted-Pair Transceiver
72
U
User Accessible Registers
106
Interrupt Line Register
114
PCI Command Register
108
PCI Configuration Registers
108
PCI Expansion ROM Base Address Register113
PCI Header Type Register
111
PCI I/O Base Address Register
111
PCI Interrupt Pin Register
114
PCI Latency Timer Register
111
PCI MAX_LAT Register
114
PCI Memory Mapped I/O Base Address Register
112
PCI MIN_GNT Register
114
PCI Programming Interface Register
111
PCI Revision ID Register
111
PCI Status Register
109
PCI Sub-Class Register
111
PCI Subsystem ID Register
113
PCI Subsystem Vendor ID Register
113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com