Electronic Components Datasheet Search
  English  ▼

X  

AM79C971 Datasheet(PDF) 259 Page - Advanced Micro Devices

Part # AM79C971
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971 Datasheet(HTML) 259 Page - Advanced Micro Devices

Back Button AM79C971 Datasheet HTML 255Page - Advanced Micro Devices AM79C971 Datasheet HTML 256Page - Advanced Micro Devices AM79C971 Datasheet HTML 257Page - Advanced Micro Devices AM79C971 Datasheet HTML 258Page - Advanced Micro Devices AM79C971 Datasheet HTML 259Page - Advanced Micro Devices AM79C971 Datasheet HTML 260Page - Advanced Micro Devices AM79C971 Datasheet HTML 261Page - Advanced Micro Devices AM79C971 Datasheet HTML 262Page - Advanced Micro Devices AM79C971 Datasheet HTML 263Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 265 page
background image
I-1
Numerics
INDEX
A
Absolute Maximum Ratings
200
Advanced Parity Error Handling
46
Am79C971 device, compatible with
AUI Isolation Transformers
A-2
DC/DC Converters
A-2
Media Interface Modules
A-1
AMD Flash Programming
89
Am79C971 Compatible Media Interface ModulesA-1
Recommendation for Power and Ground Decoupling
B-1
Alternative Method for Initialization
C-1
Look-Ahead Packet Processing (LAPP) ConceptD-1
Attachment Unit Interface
25, 72
Automatic EEPROM Read Operation
94
Automatic Network Port Selection
79
Automatic Network Selection
Exceptions
79
External PHY Not Present
80
External PHY Present and Auto-Negotiable
80
External PHY Present
but Not Auto-Negotiable
80
Force External Reset
81
Working with the Micro Linear 6692
81
Automatic Pad Generation
64
Automatic Pad Stripping
67
Auto-Negotiation
79
B
Basic Burst Read Transfer
37
Basic Burst Write Transfer
39
Basic Functions
29
Network Interfaces
29
Software Interface
29
System Bus Interface
29
Basic Non-Burst Read Transfer
37
Basic Non-Burst Write Transfer
39
Block Diagram
5
Buffer Management
Transmit Descriptor Table Entry
57
Buffer Management Unit
53
Burst FIFO DMA Transfers
52
Burst Transfer Disconnect
34
Bus Acquisition
36
Bus Configuration Registers
148–180
BCR0
Master Mode Read Active
149
BCR16
I/O Base Address Lower
163
BCR17
I/O Base Address Upper
164
BCR18
Burst and Bus Control Register
164
BCR19
EEPROM Control and Status
167
BCR2
Miscellaneous Configuration
150
BCR20
Software Style
170
BCR21
Interrupt Control
171
BCR22
PCI Latency Register
171
BCR23
PCI Subsystem
Vendor ID Register
172
BCR24
PCI Subsystem ID Register
172
BCR25
SRAM Size Register
172
BCR26
SRAM Boundary Register
173
BCR27
SRAM Interface Control Register
173
BCR28
Expansion Bus Port Address Lower
(Used for Flash/EPROM and SRAM
Accesses)
175
BCR29
Expansion Port Address Upper
(Used for Flash/EPROM Accesses)
175
BCR30
Expansion Bus Data Port Register
176
BCR31
Software Timer Register
176
BCR32
MII Control and Status Register
177
BCR33
MII Address Register
179
BCR34
MII Management Data Register
180
BCR35
PCI Vendor ID Register
180
BCR5
LED1 Status
155



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com