Electronic Components Datasheet Search
  English  ▼

X  

AM79C971 Datasheet(PDF) 110 Page - Advanced Micro Devices

Part # AM79C971
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971 Datasheet(HTML) 110 Page - Advanced Micro Devices

Back Button AM79C971 Datasheet HTML 106Page - Advanced Micro Devices AM79C971 Datasheet HTML 107Page - Advanced Micro Devices AM79C971 Datasheet HTML 108Page - Advanced Micro Devices AM79C971 Datasheet HTML 109Page - Advanced Micro Devices AM79C971 Datasheet HTML 110Page - Advanced Micro Devices AM79C971 Datasheet HTML 111Page - Advanced Micro Devices AM79C971 Datasheet HTML 112Page - Advanced Micro Devices AM79C971 Datasheet HTML 113Page - Advanced Micro Devices AM79C971 Datasheet HTML 114Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 265 page
background image
110
Am79C971
• In master mode, during the data
phase of all memory read com-
mands.
In master mode, during the data
phase of the memory write com-
mand, the Am79C971 controller
sets the PERR bit if the target re-
ports a data parity error by as-
serting the PERR signal.
PERR is not effected by the state
of the Parity Error Response en-
able bit (PCI Command register,
bit 6).
PERR is set by the Am79C971
controller and cleared by writing a
1. Writing a 0 has no effect.
PERR is cleared by H_RESET
and is not affected by S_RESET
or by setting the STOP bit.
14
SERR
Signaled SERR. SERR is set
when the Am79C971 controller
detects an address parity error
and both SERREN and PERREN
(PCI Command register, bits 8
and 6) are set.
SERR is set by the Am79C971
controller and cleared by writing a
1. Writing a 0 has no effect.
SERR is cleared by H_RESET
and is not affected by S_RESET
or by setting the STOP bit.
13
RMABORT Received
Master
Abort.
RM-
ABORT
is
set
when
the
Am79C971 controller terminates
a master cycle with a master
abort sequence.
RMABORT
is
set
by
the
Am79C971
controller
and
cleared by writing a 1. Writing a 0
has no effect. RMABORT is
cleared by H_RESET and is not
affected by S_RESET or by set-
ting the STOP bit.
12
RTABORT
Received
Target
Abort.
RT-
ABORT is set when a target ter-
minates an Am79C971 master
cycle with a target abort se-
quence.
RTABORT
is
set
by
the
Am79C971
controller
and
cleared by writing a 1. Writing a 0
has
no
effect.
RTABORT
is
cleared by H_RESET and is not
affected by S_RESET or by set-
ting the STOP bit.
11
STABORT
Send Target Abort. Read as ze-
ro; write operations have no ef-
fect. The Am79C971 controller
will never terminate a slave ac-
cess with a target abort se-
quence.
STABORT is read only.
10-9
DEVSEL
Device Select Timing. DEVSEL
is set to 01b (medium), which
means that the Am79C971 con-
troller will assert DEVSEL two
clock periods after FRAME is as-
serted.
DEVSEL is read only.
8
DATAPERR
Data
Parity
Error
Detected.
DATAPERR is set when the
Am79C971 controller is the cur-
rent bus master and it detects a
data parity error and the Parity
Error Response enable bit (PCI
Command register, bit 6) is set.
During the data phase of all
memory read commands, the
Am79C971 controller checks for
parity error by sampling the
AD[31:0] and C/BE[3:0] and the
PAR lines. During the data phase
of all memory write commands,
the Am79C971 controller checks
the PERR input to detect whether
the target has reported a parity
error.
DATAPERR
is
set
by
the
Am79C971
controller
and
cleared by writing a 1. Writing a 0
has no effect. DATAPERR is
cleared by H_RESET and is not
affected by S_RESET or by set-
ting the STOP bit.
7
FBTBC
Fast
Back-To-Back
Capable.
Read as one; write operations
have no effect. The Am79C971
controller is capable of accepting
fast
back-to-back
transactions
with the first transaction address-
ing a different target.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com