Electronic Components Datasheet Search
  English  ▼

X  

AM79C971 Datasheet(PDF) 112 Page - Advanced Micro Devices

Part # AM79C971
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971 Datasheet(HTML) 112 Page - Advanced Micro Devices

Back Button AM79C971 Datasheet HTML 108Page - Advanced Micro Devices AM79C971 Datasheet HTML 109Page - Advanced Micro Devices AM79C971 Datasheet HTML 110Page - Advanced Micro Devices AM79C971 Datasheet HTML 111Page - Advanced Micro Devices AM79C971 Datasheet HTML 112Page - Advanced Micro Devices AM79C971 Datasheet HTML 113Page - Advanced Micro Devices AM79C971 Datasheet HTML 114Page - Advanced Micro Devices AM79C971 Datasheet HTML 115Page - Advanced Micro Devices AM79C971 Datasheet HTML 116Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 265 page
background image
112
Am79C971
all of I/O space. IOBASE must be
written with a valid address be-
fore the Am79C971 controller
slave I/O mode is turned on by
setting the IOEN bit (PCI Com-
mand register, bit 0).
When the Am79C971 controller
is enabled for I/O mode (IOEN is
set), it monitors the PCI bus for a
valid I/O command. If the value
on AD[31:5] during the address
phase of the cycles matches the
value of IOBASE, the Am79C971
controller will drive DEVSEL indi-
cating it will respond to the ac-
cess.
IOBASE is read and written by
the host. IOBASE is cleared by
H_RESET and is not affected by
S_RESET or by setting the STOP
bit.
4-2
IOSIZE
I/O size requirements. Read as
zeros; write operations have no
effect.
IOSIZE indicates the size of the
I/O space the Am79C971 control-
ler requires. When the host writes
a value of FFFF FFFFh to the I/O
Base Address register, it will read
back a value of 0 in bits 4-2. That
indicates
an
Am79C971
I/O
space requirement of 32 bytes.
1
RES
Reserved location. Read as zero;
write operations have no effect.
0
IOSPACE
I/O space indicator. Read as one;
write operations have no effect.
Indicating that this base address
register describes an I/O base
address.
PCI Memory Mapped I/O Base Address Register
Offset 14h
The PCI Memory Mapped I/O Base Address register is
a 32-bit register that determines the location of the
Am79C971 I/O resources in all of memory space. It is
located at offset 14h in the PCI Configuration Space.
Bit
Name
Description
31-5
MEMBASE Memory mapped I/O base ad-
dress most significant 27 bits.
These bits are written by the host
to specify the location of the
Am79C971 I/O resources in all of
memory space. MEMBASE must
be written with a valid address
before the Am79C971 controller
slave memory mapped I/O mode
is turned on by setting the ME-
MEN bit (PCI Command register,
bit 1).
When the Am79C971 controller
is enabled for memory mapped
I/O mode (MEMEN is set), it mon-
itors the PCI bus for a valid mem-
ory command. If the value on
AD[31:5]
during
the
address
phase of the cycles matches the
value
of
MEMBASE,
the
Am79C971 controller will drive
DEVSEL indicating it will respond
to the access.
MEMBASE is read and written by
the host. MEMBASE is cleared
by H_RESET and is not affected
by S_RESET or by setting the
STOP bit.
4
MEMSIZE
Memory mapped I/O size re-
quirements. Read as zeros; write
operations have no effect.
MEMSIZE indicates the size of
the
memory
space
the
Am79C971 controller requires.
When the host writes a value of
FFFF FFFFh to the Memory
Mapped I/O Base Address regis-
ter, it will read back a value of 0 in
bit 4. That indicates a Am79C971
memory space requirement of 32
bytes.
3
PREFETCH Prefetchable. Read as zero; write
operations have no effect. Indi-
cates that memory space con-
trolled by this base address
register is not prefetchable. Data
in the memory mapped I/O space
cannot be prefetched. Because
one of the I/O resources in this
address space is a Reset regis-
ter, the order of the read access-
es is important.
2-1
TYPE
Memory type indicator. Read as
zeros; write operations have no
effect. Indicates that this base ad-
dress register is 32 bits wide and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com