Electronic Components Datasheet Search
  English  ▼

X  

AM79C971 Datasheet(PDF) 116 Page - Advanced Micro Devices

Part # AM79C971
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971 Datasheet(HTML) 116 Page - Advanced Micro Devices

Back Button AM79C971 Datasheet HTML 112Page - Advanced Micro Devices AM79C971 Datasheet HTML 113Page - Advanced Micro Devices AM79C971 Datasheet HTML 114Page - Advanced Micro Devices AM79C971 Datasheet HTML 115Page - Advanced Micro Devices AM79C971 Datasheet HTML 116Page - Advanced Micro Devices AM79C971 Datasheet HTML 117Page - Advanced Micro Devices AM79C971 Datasheet HTML 118Page - Advanced Micro Devices AM79C971 Datasheet HTML 119Page - Advanced Micro Devices AM79C971 Datasheet HTML 120Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 265 page
background image
116
Am79C971
bit, regardless of the settings of
IENA and MISSM.
Read/Write accessible always.
MISS is cleared by the host by
writing a 1. Writing a 0 has no ef-
fect.
MISS
is
cleared
by
H_RESET, S_RESET, or by set-
ting the STOP bit.
11
MERR
Memory Error is set by the
Am79C971 controller when it re-
quests the use of the system in-
terface bus by asserting REQ
and has not received GNT asser-
tion after a programmable length
of time. The length of time in mi-
croseconds before MERR is as-
serted will depend upon the
setting of the Bus Timeout Regis-
ter (CSR100). The default setting
of CSR100 will give a MERR after
153.6
µs of bus latency.
When MERR is set, INTA is as-
serted if IENA is 1 and the mask
bit MERRM (CSR3, bit 11) is 0.
MERR assertion will set the ERR
bit, regardless of the settings of
IENA and MERRM.
Read/Write accessible always.
MERR is cleared by the host by
writing a 1. Writing a 0 has no ef-
fect.
MERR
is
cleared
by
H_RESET, S_RESET, or by set-
ting the STOP bit.
10
RINT
Receive Interrupt is set by the
Am79C971 controller after the
last descriptor of a receive frame
has been updated by writing a 0
to the OWNership bit. RINT may
also be set when the first descrip-
tor of a receive frame has been
updated by writing a 0 to the
OWNership bit if the LAPPEN bit
of CSR3 has been set to a 1.
When RINT is set, INTA is assert-
ed if IENA is 1 and the mask bit
RINTM (CSR3, bit 10) is 0.
Read/Write accessible always.
RINT is cleared by the host by
writing a 1. Writing a 0 has no ef-
fect.
RINT
is
cleared
by
H_RESET, S_RESET, or by set-
ting the STOP bit.
9
TINT
Transmit Interrupt is set by the
Am79C971 controller after the
OWN bit in the last descriptor of a
transmit frame has been cleared
to indicate the frame has been
sent or an error occurred in the
transmission.
When TINT is set, INTA is assert-
ed if IENA is 1 and the mask bit
TINTM (CSR3, bit 9) is 0.
TINT will not be set if TINTOKD
(CSR5, bit 15) is set to 1 and the
transmission was successful.
Read/Write accessible always.
TINT is cleared by the host by
writing a 1. Writing a 0 has no ef-
fect.
TINT
is
cleared
by
H_RESET, S_RESET, or by set-
ting the STOP bit.
8
IDON
Initialization Done is set by the
Am79C971 controller after the
initialization sequence has com-
pleted. When IDON is set, the
Am79C971 controller has read
the initialization block from mem-
ory.
When IDON is set, INTA is as-
serted if IENA is 1 and the mask
bit IDONM (CSR3, bit 8) is 0.
Read/Write accessible always.
IDON is cleared by the host by
writing a 1. Writing a 0 has no ef-
fect.
IDON
is
cleared
by
H_RESET, S_RESET, or by set-
ting the STOP bit.
7
INTR
Interrupt Flag indicates that one
or more following interrupt caus-
ing
conditions
has
occurred:
BABL,
EXDINT,
IDON,
JAB,
MERR, MISS, MFCO, RCVCCO,
RINT, SINT, SLPINT, TINT, TX-
STRT, UINT, STINT, MREINT,
MCCINT, MCCIINT, MIIPDTINT,
MAPINT
and
the
associated
mask
or
enable
bit
is
pro-
grammed to allow the event to
cause an interrupt. If IENA is set
to 1 and INTR is set, INTA will be
active. When INTR is set by SINT
or SLPINT, INTA will be active in-
dependent of the state of IENA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com