Electronic Components Datasheet Search
  English  ▼

X  

AM79C971 Datasheet(PDF) 118 Page - Advanced Micro Devices

Part # AM79C971
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971 Datasheet(HTML) 118 Page - Advanced Micro Devices

Back Button AM79C971 Datasheet HTML 114Page - Advanced Micro Devices AM79C971 Datasheet HTML 115Page - Advanced Micro Devices AM79C971 Datasheet HTML 116Page - Advanced Micro Devices AM79C971 Datasheet HTML 117Page - Advanced Micro Devices AM79C971 Datasheet HTML 118Page - Advanced Micro Devices AM79C971 Datasheet HTML 119Page - Advanced Micro Devices AM79C971 Datasheet HTML 120Page - Advanced Micro Devices AM79C971 Datasheet HTML 121Page - Advanced Micro Devices AM79C971 Datasheet HTML 122Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 265 page
background image
118
Am79C971
by H_RESET, S_RESET, or by
setting the STOP bit.
CSR1: Initialization Block Address 0
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15-0
IADR[15:0]
Lower 16 bits of the address of
the Initialization Block. Bit loca-
tions 1 and 0 must both be 0 to
align the initialization block to a
DWord boundary.
This
register
is
aliased
with
CSR16.
Read/Write accessible only when
either the STOP or the SPND bit
is set. Unaffected by H_RESET
or S_RESET, or by setting the
STOP bit.
CSR2: Initialization Block Address 1
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15-8
IADR[31:24] If SSIZE32 is set (BCR20, bit 8),
then the IADR[31:24] bits will be
used strictly as the upper 8 bits of
the initialization block address.
However, if SSIZE32 is reset
(BCR20,
bit
8),
then
the
IADR[31:24] bits will be used to
generate the upper 8 bits of all
bus mastering addresses, as re-
quired for a 32-bit address bus.
Note that the 16-bit software
structures
specified
by
the
SSIZE32 = 0 setting will yield
only 24 bits of address for the
Am79C971 bus master access-
es, while the 32-bit hardware for
which the Am79C971 controller is
intended will require 32 bits of ad-
dress.
Therefore,
whenever
SSIZE32 = 0, the IADR[31:24]
bits will be appended to the 24-bit
initialization address, to each 24-
bit descriptor base address and
to each beginning 24-bit buffer
address in order to form complete
32-bit addresses. The upper 8
bits that exist in the descriptor ad-
dress registers and the buffer ad-
dress registers which are stored
on board the Am79C971 control-
ler will be overwritten with the
IADR[31:24] value, so that CSR
accesses to these registers will
show the 32-bit address that in-
cludes the appended field.
If SSIZE32 = 1, then software will
provide 32-bit pointer values for
all of the shared software struc-
tures - i.e., descriptor bases and
buffer addresses, and therefore,
IADR[31:24] will not be written to
the upper 8 bits of any of these
resources, but it will be used as
the upper 8 bits of the initializa-
tion address.
This
register
is
aliased
with
CSR17.
Read/Write accessible only when
either the STOP or the SPND bit
is set. Unaffected by H_RESET,
S_RESET, or by setting the
STOP bit.
7-0
IADR[23:16] Bits 23 through 16 of the address
of the Initialization Block. When-
ever
this
register
is
written,
CSR17 is updated with CSR2’s
contents.
Read/Write accessible only when
either the STOP or the SPND bit
is set. Unaffected by H_RESET,
S_RESET, or by setting the
STOP bit.
CSR3: Interrupt Masks and Deferral Control
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15
RES
Reserved location. Read and
written as zero.
14
BABLM
Babble Mask. If BABLM is set,
the BABL bit will be masked and
unable to set the INTR bit.
Read/Write accessible always.
BABLM is cleared by H_RESET
or S_RESET and is not affected
by STOP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com