Electronic Components Datasheet Search
  English  ▼

X  

AM79C971 Datasheet(PDF) 121 Page - Advanced Micro Devices

Part # AM79C971
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971 Datasheet(HTML) 121 Page - Advanced Micro Devices

Back Button AM79C971 Datasheet HTML 117Page - Advanced Micro Devices AM79C971 Datasheet HTML 118Page - Advanced Micro Devices AM79C971 Datasheet HTML 119Page - Advanced Micro Devices AM79C971 Datasheet HTML 120Page - Advanced Micro Devices AM79C971 Datasheet HTML 121Page - Advanced Micro Devices AM79C971 Datasheet HTML 122Page - Advanced Micro Devices AM79C971 Datasheet HTML 123Page - Advanced Micro Devices AM79C971 Datasheet HTML 124Page - Advanced Micro Devices AM79C971 Datasheet HTML 125Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 265 page
background image
Am79C971
121
BSWP bit. Descriptor transfers
are not affected by the setting of
the BSWP bit. RDP, RAP, BDP
and PCI configuration space ac-
cesses are not affected by the
setting of the BSWP bit. Address
PROM transfers are not affected
by the setting of the BSWP bit.
Expansion ROM accesses are
not affected by the setting of the
BSWP bit.
Note that the byte ordering of the
PCI bus is defined to be little En-
dian. BSWP should not be set to
1 when the Am79C971 controller
is used in a PCI bus application.
Read/Write accessible always.
BSWP is cleared by H_RESET or
S_RESET and is not affected by
STOP.
1
RES
Reserved location. The default
value of this bit is a 0. Writing a 1
to this bit has no effect on device
function. If a 1 is written to this bit,
then a 1 will be read back. Exist-
ing drivers may write a 1 to this bit
for compatibility, but new drivers
should write a 0 to this bit and
should treat the read value as un-
defined.
0
RES
Reserved location. The default
value of this bit is a 0. Writing a 1
to this bit has no effect on device
function. If a 1 is written to this bit,
then a 1 will be read back. Exist-
ing drivers may write a 1 to this bit
for compatibility, but new drivers
should write a 0 to this bit and
should treat the read value as un-
defined.
CSR4: Test and Features Control
Certain bits in CSR4 indicate the cause of an interrupt.
The register is designed so that these indicator bits are
cleared by writing ones to those bit locations. This
means that the software can read CSR4 and write back
the value just read to clear the interrupt condition.
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15
EN124
Enable CSR124 access. Setting
EN124 to 1 allows the user to
write to bits in CSR124, which en-
ables
the
GPSI
interface
(GPSIEN, bit 4) and Runt Packet
Accept mode (RPA, bit 3). Once
these bits are accessed, EN124
must be cleared back to 0.
Read/Write accessible always.
ENTST is cleared by H_RESET
or S_RESET and is unaffected by
the STOP bit.
14
DMAPLUS
Writing and reading from this bit
has no effect. DMAPLUS is al-
ways set to 1.
13
RES
Reserved Location. Written as
zero and read as undefined.
12
TXDPOLL
Transmit Disable Transmit Poll-
ing. If TXDPOLL is set, the Buffer
Management Unit will disable
transmit polling. Likewise, if TXD-
POLL is cleared, automatic trans-
mit
polling
is
enabled.
If
TXDPOLL is set, TDMD bit in
CSR0 must be set in order to ini-
tiate a manual poll of a transmit
descriptor. Transmit descriptor
polling will not take place if TXON
is reset. Transmit polling will take
place following Receive activi-
ties.
Read/Write accessible always.
TXDPOLL
is
cleared
by
H_RESET or S_RESET and is
unaffected by the STOP bit.
11
APAD_XMT Auto Pad Transmit. When set,
APAD_XMT enables the auto-
matic padding feature. Transmit
frames will be padded to extend
them to 64 bytes including FCS.
The FCS is calculated for the en-
tire frame, including pad, and ap-
pended
after
the
pad
field.
APAD_XMT will override the pro-
gramming of the DXMTFCS bit
(CSR15,
bit
3)
and
of
the
ADD_FCS/NO_FCS bit (TMD1,
bit 29) for frames shorter than 64
bytes.
Read/Write accessible always.
APAD_XMT
is
cleared
by
H_RESET or S_RESET and is
unaffected by the STOP bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com