Electronic Components Datasheet Search
  English  ▼

X  

AM79C971 Datasheet(PDF) 124 Page - Advanced Micro Devices

Part # AM79C971
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971 Datasheet(HTML) 124 Page - Advanced Micro Devices

Back Button AM79C971 Datasheet HTML 120Page - Advanced Micro Devices AM79C971 Datasheet HTML 121Page - Advanced Micro Devices AM79C971 Datasheet HTML 122Page - Advanced Micro Devices AM79C971 Datasheet HTML 123Page - Advanced Micro Devices AM79C971 Datasheet HTML 124Page - Advanced Micro Devices AM79C971 Datasheet HTML 125Page - Advanced Micro Devices AM79C971 Datasheet HTML 126Page - Advanced Micro Devices AM79C971 Datasheet HTML 127Page - Advanced Micro Devices AM79C971 Datasheet HTML 128Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 265 page
background image
124
Am79C971
9
SLPINT
Sleep Interrupt is set by the
Am79C971 controller when it
comes out of sleep mode.
When SLPINT is set, INTA is as-
serted if the enable bit SLPINTE
is 1. Note that the assertion of an
interrupt due to SLPINT is not de-
pendent on the state of the INEA
bit, since INEA is cleared by the
S_RESET reset generated when
entering the sleep mode.
Read/Write accessible always.
SLPINT is cleared by the host by
writing a 1. Writing a 0 has no ef-
fect.
SLPINT
is
cleared
by
H_RESET and is not affected by
S_RESET or setting the STOP
bit.
8
SLPINTE
Sleep
Interrupt
Enable.
If
SLPINTE is set, the SLPINT bit
will be able to set the INTR bit.
Read/Write accessible always.
SLPINTE is set to 0 by H_RESET
and is not affected by S_RESET
or setting the STOP bit.
7
EXDINT
Excessive Deferral Interrupt is
set by the Am79C971 controller
when the transmitter has experi-
enced Excessive Deferral on a
transmit frame, where Excessive
Deferral is defined in the ISO
8802-3 (IEEE/ANSI 802.3) stan-
dard.
When EXDINT is set, INTA is as-
serted if the enable bit EXDINTE
is 1.
Read/Write accessible always.
EXDINT is cleared by the host by
writing a 1. Writing a 0 has no ef-
fect.
EXDINT
is
cleared
by
H_RESET and is not affected by
S_RESET or setting the STOP
bit.
6
EXDINTE
Excessive Deferral Interrupt En-
able. If EXDINTE is set, the
EXDINT bit will be able to set the
INTR bit.
Read/Write accessible always.
EXDINTE
is
set
to
0
by
H_RESET and is not affected by
S_RESET or setting the STOP
bit.
5
MPPLBA
Magic Packet Physical Logical
Broadcast Accept. If MPPLBA is
at its default value of 0, the
Am79C971 controller will only de-
tect a Magic Packet frame if the
destination address of the packet
matches the content of the physi-
cal address register (PADR). If
MPPLBA is set to 1, the destina-
tion address of the Magic Packet
frame can be unicast, multicast,
or broadcast. Note that the set-
ting of MPPLBA only affects the
address detection of the Magic
Packet frame. The Magic Packet
frame’s data sequence must be
made up of 16 consecutive phys-
ical addresses (PADR[47:0]) re-
gardless
of
what
kind
of
destination address it has.
Read/Write accessible always.
MPPLBA is set to 0 by H_RESET
or S_RESET and is not affected
by setting the STOP bit.
4
MPINT
Magic Packet Interrupt. Magic
Packet Interrupt is set by the
Am79C971 controller when the
device is in the Magic Packet
mode and the Am79C971 con-
troller receives a Magic Packet
frame. When MPINT is set to 1,
INTA is asserted if IENA (CSR0,
bit 6) and the enable bit MPINTE
are set to 1.
Read/Write accessible always.
MPINT is cleared by the host by
writing a 1. Writing a 0 has no af-
fect.
MPINT
is
cleared
by
H_RESET, S_RESET, or by set-
ting the STOP bit.
3
MPINTE
Magic Packet Interrupt Enable. If
MPINTE is set to 1, the MPINT bit
will be able to set the INTR bit.
Read/Write accessible always.
MPINT
is
cleared
to
0
by
H_RESET or S_RESET and is
not affected by setting the STOP
bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com