Electronic Components Datasheet Search
  English  ▼

X  

AM79C971 Datasheet(PDF) 126 Page - Advanced Micro Devices

Part # AM79C971
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971 Datasheet(HTML) 126 Page - Advanced Micro Devices

Back Button AM79C971 Datasheet HTML 122Page - Advanced Micro Devices AM79C971 Datasheet HTML 123Page - Advanced Micro Devices AM79C971 Datasheet HTML 124Page - Advanced Micro Devices AM79C971 Datasheet HTML 125Page - Advanced Micro Devices AM79C971 Datasheet HTML 126Page - Advanced Micro Devices AM79C971 Datasheet HTML 127Page - Advanced Micro Devices AM79C971 Datasheet HTML 128Page - Advanced Micro Devices AM79C971 Datasheet HTML 129Page - Advanced Micro Devices AM79C971 Datasheet HTML 130Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 265 page
background image
126
Am79C971
CSR7: Extended Control and Interrupt 2
Certain bits in CSR7 indicate the cause of an interrupt.
The register is designed so that these indicator bits are
cleared by writing ones to those bit locations. This
means that the software can read CSR7 and write back
the value just read to clear the interrupt condition.
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15
FASTSPNDE
Fast Suspend Enable. When
FASTSPNDE is set to 1, the
Am79C971 controller performs a
fast
suspend
whenever
the
SPND bit is set.
When a fast suspend is request-
ed, the Am79C971 controller per-
forms a quick entry into the
suspend mode. At the time the
SPND bit is set, the Am79C971
controller will complete the DMA
process of any transmit and/or re-
ceive packet that had already be-
gun DMA activity. In addition, any
transmit packet that had started
transmission will be fully transmit-
ted and any receive packet that
had begun reception will be fully
received. However, no additional
packets will be transmitted or re-
ceived and no additional transmit
or receive DMA activity will begin.
Hence, the Am79C971 controller
may enter the suspend mode
with
transmit
and/or
receive
packets still in the FIFOs or exter-
nal SRAM.
When FASTSPNDE is 0 and the
SPND bit is set, the Am79C971
controller may take longer before
entering the suspend mode. At
the time the SPND bit is set, the
Am79C971 controller will com-
plete the DMA process of a trans-
mit packet if it had already begun
and the Am79C971 controller will
completely
receive
a
receive
packet if it had already begun.
Additionally, all transmit packets
stored in the transmit FIFOs and
the transmit buffer area in the ex-
ternal SRAM (if one is present)
will be transmitted and all receive
packets stored in the receive
FIFOs, and the receive buffer
area in the external SRAM (if one
is present) will be transferred into
system memory. Since the FIFO
and external SRAM contents are
flushed, it may take much longer
before the Am79C971 controller
enters the suspend mode. The
amount of time that it takes de-
pends on many factors including
the size of the external SRAM,
bus latency, and network traffic
level.
When a write to CSR5 is per-
formed with bit 0 (SPND) set to 1,
the value that is simultaneously
written to FASTSPNDE is used to
determine which approach
is
used to enter suspend mode.
Read/Write accessible always.
FASTSPNDE
is
cleared
by
H_RESET, S_RESET or by set-
ting the STOP bit.
14
RXFRTG
Receive Frame Tag. When Re-
ceive Frame Tag is set to 1, a tag
word is put into the receive de-
scriptor supplied by the EADI.
See the section Receive Frame
Tagging for details. This bit is
valid only when the EADISEL
(BCR2, bit 3) is set to 1.
Read/Write accessible always.
RXFRTG
is
cleared
by
H_RESET. RXFRTG is unaffect-
ed by S_RESET or by setting the
STOP bit.
13
RDMD
Receive
Demand,
when
set,
causes the Buffer Management
Unit to access the Receive De-
scriptor Ring without waiting for
the receive poll-time counter to
elapse. If RXON is not enabled,
RDMD has no meaning and no
receive Descriptor Ring access
will occur.
RDMD is required to be set if the
RXDPOLL bit in CSR7 is set. Set-
ting RDMD while RXDPOLL = 0
merely hastens the Am79C971
controller’s response to a receive
Descriptor Ring Entry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com