Electronic Components Datasheet Search
  English  ▼

X  

AM79C971 Datasheet(PDF) 123 Page - Advanced Micro Devices

Part # AM79C971
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971 Datasheet(HTML) 123 Page - Advanced Micro Devices

Back Button AM79C971 Datasheet HTML 119Page - Advanced Micro Devices AM79C971 Datasheet HTML 120Page - Advanced Micro Devices AM79C971 Datasheet HTML 121Page - Advanced Micro Devices AM79C971 Datasheet HTML 122Page - Advanced Micro Devices AM79C971 Datasheet HTML 123Page - Advanced Micro Devices AM79C971 Datasheet HTML 124Page - Advanced Micro Devices AM79C971 Datasheet HTML 125Page - Advanced Micro Devices AM79C971 Datasheet HTML 126Page - Advanced Micro Devices AM79C971 Datasheet HTML 127Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 265 page
background image
Am79C971
123
1
JAB
Jabber
Error
is
set
by
the
Am79C971 controller when the
T-MAU
exceeds
the
allowed
transmission limit. Jabber can
only be asserted in 10BASE-T
mode.
When JAB is set, INTA is assert-
ed if IENA is 1 and the mask bit
JABM is 0.
Read/Write accessible always.
JAB is cleared by the host by writ-
ing a 1. Writing a 0 has no effect.
JAB is cleared by H_RESET,
S_RESET or by setting the STOP
bit.
0
JABM
Jabber Error Mask. If JABM is
set, the JAB bit will be masked
and unable to set the INTR bit.
Read/Write accessible always.
JABM is set to 1 by H_RESET or
S_RESET and is not affected by
the STOP bit.
CSR5: Extended Control and Interrupt 1
Certain bits in CSR5 indicate the cause of an interrupt.
The register is designed so that these indicator bits are
cleared by writing ones to those bit locations. This
means that the software can read CSR5 and write back
the value just read to clear the interrupt condition.
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15
TOKINTD
Transmit OK Interrupt Disable. If
TOKINTD is set to 1, the TINT bit
in CSR0 will not be set when a
transmission
was
successful.
Only a transmit error will set the
TINT bit.
TOKINTD has no effect when
LTINTEN (CSR5, bit 14) is set to
1. A transmit descriptor with
LTINT set to 1 will always cause
TINT to be set to 1, independent
of the success of the transmis-
sion.
Read/Write accessible always.
TOKINTD
is
cleared
by
H_RESET or S_RESET and is
unaffected by STOP.
14
LTINTEN
Last Transmit Interrupt Enable.
When set to 1, the LTINTEN bit
will cause the Am79C971 control-
ler to read bit 28 of TMD1 as
LTINT. The setting LTINT will de-
termine if TINT will be set at the
end of the transmission.
Read/Write accessible always.
LTINTEN
is
cleared
by
H_RESET or S_RESET and is
unaffected by STOP.
13-12
RES
Reserved locations. Written as
zeros and read as undefined.
11
SINT
System Interrupt is set by the
Am79C971 controller when it de-
tects a system error during a bus
master transfer on the PCI bus.
System errors are data parity er-
ror, master abort, or a target
abort. The setting of SINT due to
data parity error is not dependent
on the setting of PERREN (PCI
Command register, bit 6).
When SINT is set, INTA is assert-
ed if the enable bit SINTE is 1.
Note that the assertion of an in-
terrupt due to SINT is not depen-
dent on the state of the INEA bit,
since INEA is cleared by the
STOP reset generated by the
system error.
Read/Write accessible always.
SINT is cleared by the host by
writing a 1. Writing a 0 has no ef-
fect. The state of SINT is not af-
fected by clearing any of the PCI
Status register bits that get set
when
a
data
parity
error
(DATAPERR, bit 8), master abort
(RMABORT, bit 13), or target
abort (RTABORT, bit 12) occurs.
SINT is cleared by H_RESET or
S_RESET and is not affected by
setting the STOP bit.
10
SINTE
System Interrupt Enable. If SIN-
TE is set, the SINT bit will be able
to set the INTR bit.
Read/Write accessible always.
SINTE is set to 0 by H_RESET or
S_RESET and is not affected by
setting the STOP bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com