Electronic Components Datasheet Search
  English  ▼

X  

AM79C971 Datasheet(PDF) 131 Page - Advanced Micro Devices

Part # AM79C971
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971 Datasheet(HTML) 131 Page - Advanced Micro Devices

Back Button AM79C971 Datasheet HTML 127Page - Advanced Micro Devices AM79C971 Datasheet HTML 128Page - Advanced Micro Devices AM79C971 Datasheet HTML 129Page - Advanced Micro Devices AM79C971 Datasheet HTML 130Page - Advanced Micro Devices AM79C971 Datasheet HTML 131Page - Advanced Micro Devices AM79C971 Datasheet HTML 132Page - Advanced Micro Devices AM79C971 Datasheet HTML 133Page - Advanced Micro Devices AM79C971 Datasheet HTML 134Page - Advanced Micro Devices AM79C971 Datasheet HTML 135Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 265 page
background image
Am79C971
131
10BASE-T receive polarity rever-
sal algorithm is disabled. Like-
wise,
when
DAPC = 0,
the
polarity reversal algorithm is en-
abled.
This bit only has meaning when
the 10BASE-T network interface
is selected.
Read/Write accessible only when
either the STOP or the SPND bit
is set.
10
MENDECL
MENDEC Loopback Mode. See
the description of the LOOP bit in
CSR15, bit 2.
Read/Write accessible only when
either the STOP or the SPND bit
is set.
9
LRT
(TMAU
mode)
Low
Receive
Threshold. When LRT = 1, the in-
ternal twisted pair receive thresh-
olds are reduced by 4.5 dB below
the standard 10BASE-T value
(approximately 3/5) and the un-
squelch threshold for the RXD
circuit will be 180 mV to 312 mV
peak.
When LRT = 0, the unsquelch
threshold for the RXD circuit will
be the standard 10BASE-T value,
300 mV to 520 mV peak.
In either case, the RXD circuit
post squelch threshold will be
one-half of the unsquelch thresh-
old.
This bit only has meaning when
the 10BASE-T network interface
is selected.
Read/Write accessible only when
either the STOP or the SPND bit
is set. Cleared by H_RESET or
S_RESET and is unaffected by
STOP.
TSEL
(AUI mode) Transmit Mode Se-
lect. TSEL controls the levels at
which the AUI drivers rest when
the AUI transmit port is idle.
When TSEL = 0, DO+ and DO-
yield “zero” differential to operate
transformer
coupled
loads
(Ethernet 2 and IEEE 802.3).
When TSEL = 1, the DO+ idles at
a higher value with respect to
DO-, yielding a logical HIGH state
(Ethernet 1).
This bit only has meaning when
the AUI network interface is se-
lected.
Read/Write accessible only when
either the STOP or the SPND bit
is set. Cleared by H_RESET or
S_RESET.
8-7
PORTSEL[1:0]Port Select bits allow for software
controlled selection of the net-
work medium. See Table 26.
PORTSEL
settings
of
AUI,
10BASE-T and MII are ignored
when the ASEL bit of BCR2 (bit 1)
has been set to 1.
Read/Write accessible only when
either the STOP or the SPND bit
is set. Cleared by H_RESET or
S_RESET and is unaffected by
STOP.
6
INTL
Internal Loopback. See the de-
scription of LOOP (CSR15, bit 2).
Read/Write accessible only when
either the STOP or the SPND bit
is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com