Electronic Components Datasheet Search
  English  ▼

X  

AM79C971 Datasheet(PDF) 132 Page - Advanced Micro Devices

Part # AM79C971
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971 Datasheet(HTML) 132 Page - Advanced Micro Devices

Back Button AM79C971 Datasheet HTML 128Page - Advanced Micro Devices AM79C971 Datasheet HTML 129Page - Advanced Micro Devices AM79C971 Datasheet HTML 130Page - Advanced Micro Devices AM79C971 Datasheet HTML 131Page - Advanced Micro Devices AM79C971 Datasheet HTML 132Page - Advanced Micro Devices AM79C971 Datasheet HTML 133Page - Advanced Micro Devices AM79C971 Datasheet HTML 134Page - Advanced Micro Devices AM79C971 Datasheet HTML 135Page - Advanced Micro Devices AM79C971 Datasheet HTML 136Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 265 page
background image
132
Am79C971
Table 26.
Network Port Configuration.
5
DRTY
Disable Retry. When DRTY is set
to 1, the Am79C971 controller will
attempt only one transmission. In
this mode, the device will not pro-
tect the first 64 bytes of frame
data in the Transmit FIFO from
being overwritten, because auto-
matic retransmission will not be
necessary. When DRTY is set to
0, the Am79C971 controller will
attempt 16 transmissions before
signaling a retry error.
Read/Write accessible only when
either the STOP or the SPND bit
is set.
4
FCOLL
Force Collision. This bit allows
the collision logic to be tested.
The Am79C971 controller must
be in internal loopback for FCOLL
to be valid. If FCOLL = 1, a colli-
sion will be forced during loop-
back
transmission
attempts,
which will result in a Retry Error.
If FCOLL = 0, the Force Collision
logic will be disabled. FCOLL is
defined
after
the
initialization
block is read.
Read/Write accessible only when
either the STOP or the SPND bit
is set.
3
DXMTFCS
Disable Transmit CRC (FCS).
When DXMTFCS is set to 0, the
transmitter will generate and ap-
pend an FCS to the transmitted
frame. When DXMTFCS is set to
1, no FCS is generated or sent
with
the
transmitted
frame.
DXMTFCS is overridden when
ADD_FCS is set in TMD1.
When APAD_XMT (CSR4, bit
11) is set to 1, the setting of
DXMTFCS has no effect on
frames shorter than 64 bytes.
If
DXMTFCS
is
set
and
ADD_FCS is clear for a particular
frame, no FCS will be generated.
The value of ADD_FCS is valid
only when STP is set in TMD1. If
ADD_FCS is set for a particular
frame, the state of DXMTFCS is
ignored and a FCS will be ap-
pended on that frame by the
transmit circuitry. See also the
ADD_FCS bit in TMD1.
This bit was called DTCR in the
LANCE (Am7990) device.
Read/Write accessible only when
either the STOP or the SPND bit
is set.
2
LOOP
Loopback
Enable
allows
the
Am79C971 controller to operate
in full-duplex mode for test pur-
poses. The setting of the full-
duplex control bits in BCR9 have
no effect when the device oper-
ates in loopback mode. When
LOOP = 1, loopback is enabled.
In combination with INTL and
MENDECL,
various
loopback
modes are defined as follows in
Table 27. Refer to Loop Back Op-
eration section for more details.
PORTSEL [1:0]
ASEL
(BCR2[1])
Link Status
(10BASE-T)
MII Status
(BCR32[14])
Network
Port
XX
1
Fail
0
AUI
XX
1
Pass
0
10BASE-T
XX
1
Don’t Care
1
MII
00
0
Don’t Care
Don’t Care
AUI
01
0
Don’t Care
Don’t Care
10BASE-T
10
0
Don’t Care
Don’t Care
GPSI
11
0
Don’t Care
Don’t Care
MII
Table 27.
Loopback Configuration for AUI
LOOP
INTL
MENDECL
Loopback Mode
0
X
X
Non-loopback
1
0
X
External Loopback
1
1
0
Internal Loopback Include
MENDEC
1
1
1
Internal Loopback
Exclude MENDEC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com