Electronic Components Datasheet Search
  English  ▼

X  

AM79C971 Datasheet(PDF) 137 Page - Advanced Micro Devices

Part # AM79C971
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971 Datasheet(HTML) 137 Page - Advanced Micro Devices

Back Button AM79C971 Datasheet HTML 133Page - Advanced Micro Devices AM79C971 Datasheet HTML 134Page - Advanced Micro Devices AM79C971 Datasheet HTML 135Page - Advanced Micro Devices AM79C971 Datasheet HTML 136Page - Advanced Micro Devices AM79C971 Datasheet HTML 137Page - Advanced Micro Devices AM79C971 Datasheet HTML 138Page - Advanced Micro Devices AM79C971 Datasheet HTML 139Page - Advanced Micro Devices AM79C971 Datasheet HTML 140Page - Advanced Micro Devices AM79C971 Datasheet HTML 141Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 265 page
background image
Am79C971
137
CSR42: Current Transmit Byte Count
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15-12
RES
Reserved locations. Read and
written as zeros.
11-0
CXBC
Current Transmit Byte Count.
This field is a copy of the BCNT
field of TMD1 of the current trans-
mit descriptor.
Read/Write accessible only when
either the STOP or the SPND bit
is set. These bits are unaffected
by
H_RESET,
S_RESET,
or
STOP.
CSR43: Current Transmit Status
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-0
CXST
Current Transmit Status. This
field is a copy of bits 31-16 of
TMD1 of the current transmit de-
scriptor.
Read/Write accessible only when
either the STOP or the SPND bit
is set. These bits are unaffected
by
H_RESET,
S_RESET,
or
STOP.
CSR44: Next Receive Byte Count
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-12 RES
Reserved locations. Read and
written as zeros.
11-0
NRBC
Next Receive Byte Count. This
field is a copy of the BCNT field of
RMD1 of the next receive de-
scriptor.
Read/Write accessible only when
either the STOP or the SPND bit
is set. These bits are unaffected
by
H_RESET,
S_RESET,
or
STOP.
CSR45: Next Receive Status
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-0
NRST
Next Receive Status. This field is
a copy of bits 31-16 of RMD1 of
the next receive descriptor.
Read/Write accessible only when
either the STOP or the SPND bit
is set. These bits are unaffected
by
H_RESET,
S_RESET,
or
STOP.
CSR46: Transmit Poll Time Counter
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-0
TXPOLL
Transmit Poll Time Counter. This
counter is incremented by the
Am79C971 controller microcode
and is used to trigger the transmit
descriptor ring polling operation
of the Am79C971 controller.
Read/Write accessible only when
either the STOP or the SPND bit
is set. These bits are unaffected
by
H_RESET,
S_RESET,
or
STOP.
CSR47: Transmit Polling Interval
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-0 TXPOLLINT
Transmit Polling Interval. This
register contains the time that the
Am79C971 controller will wait be-
tween successive polling opera-
tions. The TXPOLLINT value is
expressed as the two’s comple-
ment of the desired interval,
where each bit of TXPOLLINT
represents 1 clock period of time.
TXPOLLINT[3:0]
are
ignored.
(TXPOLLINT[16] is implied to be
a one, so TXPOLLINT[15] is sig-
nificant and does not represent
the sign of the two’s complement
TXPOLLINT value.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com