Electronic Components Datasheet Search
  English  ▼

X  

AM79C971 Datasheet(PDF) 138 Page - Advanced Micro Devices

Part # AM79C971
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971 Datasheet(HTML) 138 Page - Advanced Micro Devices

Back Button AM79C971 Datasheet HTML 134Page - Advanced Micro Devices AM79C971 Datasheet HTML 135Page - Advanced Micro Devices AM79C971 Datasheet HTML 136Page - Advanced Micro Devices AM79C971 Datasheet HTML 137Page - Advanced Micro Devices AM79C971 Datasheet HTML 138Page - Advanced Micro Devices AM79C971 Datasheet HTML 139Page - Advanced Micro Devices AM79C971 Datasheet HTML 140Page - Advanced Micro Devices AM79C971 Datasheet HTML 141Page - Advanced Micro Devices AM79C971 Datasheet HTML 142Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 265 page
background image
138
Am79C971
The default value of this register
is 0000b. This corresponds to a
polling interval of 65,536 clock
periods
(1.966
ms
when
CLK = 33 MHz). The TXPOL-
LINT value of 0000b is created
during the microcode initialization
routine and, therefore, might not
be seen when reading CSR47 af-
ter H_RESET or S_RESET.
If the user desires to program a
value for POLLINT other than the
default, then the correct proce-
dure is to first set INIT only in
CSR0. Then, when the initializa-
tion sequence is complete, the
user must set STOP (CSR0, bit
2). Then the user may write to
CSR47 and then set STRT in
CSR0. In this way, the default
value of 0000h in CSR47 will be
overwritten with the desired user
value.
If the user does not use the stan-
dard
initialization
procedure
(standard implies use of an initial-
ization block in memory and set-
ting the INIT bit of CSR0), but
instead, chooses to write directly
to each of the registers that are
involved in the INIT operation,
then it is imperative that the user
also writes all zeros to CSR47 as
part of the alternative initialization
sequence.
Read/Write accessible only when
either the STOP or the SPND bit
is set. These bits are unaffected
by
H_RESET,
S_RESET,
or
STOP.
CSR48: Receive Poll Time Counter
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-0
RXPOLL
Receive Poll Time Counter. This
counter is incremented by the
Am79C971 controller microcode
and is used to trigger the receive
descriptor ring polling operation
of the Am79C971 controller.
Read/Write accessible only when
either the STOP or the SPND bit
is set. These bits are unaffected
by
H_RESET,
S_RESET,
or
STOP.
CSR49: Receive Polling Interval
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-0
RXPOLLINT Receive Polling Interval. This reg-
ister contains the time that the
Am79C971 controller will wait be-
tween successive polling opera-
tions. The RXPOLLINT value is
expressed as the two’s comple-
ment of the desired interval,
where each bit of RXPOLLINT
approximately
represents
one
clock
time
period.
RXPOL-
LINT[3:0] are ignored. (RXPOL-
LINT[16] is implied to be a 1, so
RXPOLLINT[15]
is
significant
and does not represent the sign
of the two’s complement RXPOL-
LINT value.)
The default value of this register
is 0000h. This corresponds to a
polling interval of 65,536 clock
periods
(1.966
ms
when
CLK = 33 MHz). The RXPOL-
LINT value of 0000h is created
during the microcode initialization
routine and, therefore, might not
be seen when reading CSR49 af-
ter H_RESET or S_RESET.
If the user desires to program a
value for RXPOLLINT other than
the default, then the correct pro-
cedure is to first set INIT only in
CSR0. Then, when the initializa-
tion sequence is complete, the
user must set STOP (CSR0, bit
2). Then the user may write to
CSR49 and then set STRT in
CSR0. In this way, the default
value of 0000h in CSR47 will be
overwritten with the desired user
value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com