Electronic Components Datasheet Search
  English  ▼

X  

AM79C971 Datasheet(PDF) 142 Page - Advanced Micro Devices

Part # AM79C971
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971 Datasheet(HTML) 142 Page - Advanced Micro Devices

Back Button AM79C971 Datasheet HTML 138Page - Advanced Micro Devices AM79C971 Datasheet HTML 139Page - Advanced Micro Devices AM79C971 Datasheet HTML 140Page - Advanced Micro Devices AM79C971 Datasheet HTML 141Page - Advanced Micro Devices AM79C971 Datasheet HTML 142Page - Advanced Micro Devices AM79C971 Datasheet HTML 143Page - Advanced Micro Devices AM79C971 Datasheet HTML 144Page - Advanced Micro Devices AM79C971 Datasheet HTML 145Page - Advanced Micro Devices AM79C971 Datasheet HTML 146Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 265 page
background image
142
Am79C971
P R E L I M INARY
CSR72: Receive Ring Counter
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-0
RCVRC
Receive Ring Counter location.
Contains a two’s complement bi-
nary number used to number the
current receive descriptor. This
counter interprets the value in
CSR76 as pointing to the first de-
scriptor. A counter value of zero
corresponds to the last descriptor
in the ring.
Read/Write accessible only when
either the STOP or the SPND bit
is set. These bits are unaffected
by
H_RESET,
S_RESET,
or
STOP.
CSR74: Transmit Ring Counter
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-0
XMTRC
Transmit Ring Counter location.
Contains a two’s complement bi-
nary number used to number the
current transmit descriptor. This
counter interprets the value in
CSR78 as pointing to the first de-
scriptor. A counter value of zero
corresponds to the last descriptor
in the ring.
Read/Write accessible only when
either the STOP or the SPND bit
is set. These bits are unaffected
by
H_RESET,
S_RESET,
or
STOP.
CSR76: Receive Ring Length
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-0
RCVRL
Receive Ring Length. Contains
the two’s complement of the re-
ceive descriptor ring length. This
register is initialized during the
Am79C971 controller initializa-
tion routine based on the value in
the RLEN field of the initialization
block. However, this register can
be manually altered. The actual
receive ring length is defined by
the current value in this register.
The ring length can be defined as
any value from 1 to 65535.
Read/Write accessible only when
either the STOP or the SPND bit
is set. These bits are unaffected
by
H_RESET,
S_RESET,
or
STOP.
CSR78: Transmit Ring Length
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-0
XMTRL
Transmit Ring Length. Contains
the two’s complement of the
transmit descriptor ring length.
This register is initialized during
the Am79C971 controller initial-
ization routine based on the value
in the TLEN field of the initializa-
tion block. However, this register
can be manually altered. The ac-
tual transmit ring length is defined
by the current value in this regis-
ter. The ring length can be de-
fined as any value from 1 to
65535.
Read/Write accessible only when
either the STOP or the SPND bit
is set. These bits are unaffected
by
H_RESET,
S_RESET,
or
STOP.
CSR80: DMA Transfer Counter and FIFO Threshold
Control
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-14 RES
Reserved locations. Written as
zeros and read as undefined.
13-12 RCVFW[1:0] Receive
FIFO
Watermark.
RCVFW controls the point at
which receive DMA is requested
in relation to the number of re-
ceived bytes in the Receive FIFO.
RCVFW specifies the number of
bytes which must be present
(once the frame has been verified
as a non-runt) before receive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com