Electronic Components Datasheet Search
  English  ▼

X  

AM79C971 Datasheet(PDF) 145 Page - Advanced Micro Devices

Part # AM79C971
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971 Datasheet(HTML) 145 Page - Advanced Micro Devices

Back Button AM79C971 Datasheet HTML 141Page - Advanced Micro Devices AM79C971 Datasheet HTML 142Page - Advanced Micro Devices AM79C971 Datasheet HTML 143Page - Advanced Micro Devices AM79C971 Datasheet HTML 144Page - Advanced Micro Devices AM79C971 Datasheet HTML 145Page - Advanced Micro Devices AM79C971 Datasheet HTML 146Page - Advanced Micro Devices AM79C971 Datasheet HTML 147Page - Advanced Micro Devices AM79C971 Datasheet HTML 148Page - Advanced Micro Devices AM79C971 Datasheet HTML 149Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 265 page
background image
Am79C971
145
P R E L I M INARY
15-0
TXDAPL
Contains the lower 16 bits of the
transmit descriptor address cor-
responding to the last buffer of
the previous transmit frame. If the
previous transmit frame did not
use buffer chaining, then TXDA-
PL contains the lower 16 bits of
the previous frame’s transmit de-
scriptor address.
When both the STOP or SPND
bits are cleared, this register is
updated by Am79C971 controller
immediately before a transmit de-
scriptor write.
Read accessible always. Write
accessible through the PXDAL
bits (CSR60) when the STOP or
SPND bit is set. TXDAPL is set to
0 by H_RESET and are unaffect-
ed by S_RESET or STOP.
CSR84: DMA Address Register Lower
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-0
DMABAL
This register contains the lower
16 bits of the address of system
memory for the current DMA cy-
cle. The Bus Interface Unit con-
trols the Address Register by
issuing increment commands to
increment the memory address
for sequential operations. The
DMABAL register is undefined
until the first Am79C971 control-
ler DMA operation.
Read/Write accessible only when
either the STOP or the SPND bit
is set. These bits are unaffected
by
H_RESET,
S_RESET,
or
STOP.
CSR85: DMA Address Register Upper
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-0
DMABAU
This register contains the upper
16 bits of the address of system
memory for the current DMA cy-
cle. The Bus Interface Unit con-
trols the Address Register by
issuing increment commands to
increment the memory address
for sequential operations. The
DMABAU register is undefined
until the first Am79C971 control-
ler DMA operation.
Read/Write accessible only when
either the STOP or the SPND bit
is set. These bits are unaffected
by
H_RESET,
S_RESET,
or
STOP.
CSR86: Buffer Byte Counter
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-12 RES
Reserved. Read and written with
ones.
11-0
DMABC
DMA Byte Count Register. Con-
tains the two's complement of the
current size of the remaining
transmit
or receive
buffer in
bytes. This register is increment-
ed by the Bus Interface Unit. The
DMABC register is undefined un-
til written.
Read/Write accessible only when
either the STOP or the SPND bit
is set. These bits are unaffected
by
H_RESET,
S_RESET,
or
STOP.
CSR88: Chip ID Register Lower
Bit
Name
Description
31-28 VER
Version. This 4-bit pattern is
silicon-revision dependent.
Read accessible only when either
the STOP or the SPND bit is set.
VER is read only. Write opera-
tions are ignored.
27-12 PARTID
Part number. The 16-bit code for
the Am79C971 controller is 0010
0110 0010 0011b (2623h).
This register is exactly the same
as the Device ID register in the
JTAG description. It is, however,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com