Electronic Components Datasheet Search
  English  ▼

X  

AM79C971 Datasheet(PDF) 178 Page - Advanced Micro Devices

Part # AM79C971
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971 Datasheet(HTML) 178 Page - Advanced Micro Devices

Back Button AM79C971 Datasheet HTML 174Page - Advanced Micro Devices AM79C971 Datasheet HTML 175Page - Advanced Micro Devices AM79C971 Datasheet HTML 176Page - Advanced Micro Devices AM79C971 Datasheet HTML 177Page - Advanced Micro Devices AM79C971 Datasheet HTML 178Page - Advanced Micro Devices AM79C971 Datasheet HTML 179Page - Advanced Micro Devices AM79C971 Datasheet HTML 180Page - Advanced Micro Devices AM79C971 Datasheet HTML 181Page - Advanced Micro Devices AM79C971 Datasheet HTML 182Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 265 page
background image
178
Am79C971
P R E L I M INARY
Read/Write accessible always.
APEP
is
set
to
0
during
H_RESET and is unaffected by
S_RESET and the STOP bit.
10-8
APDW
MII Auto-Poll Dwell Time. APDW
determines the dwell time be-
tween MII Management Frames
accesses
when
Auto-Poll is
turned on. See Table 41.
Read/Write accessible always.
APDW is set to
100h after
H_RESET and is unaffected by
S_RESET and the STOP bit.
7
DANAS
Disable
Auto-Negotiation
Auto
Setup. When DANAS is set, the
Am79C971
controller
after
a
H_RESET or S_RESET will re-
main dormant and not automati-
cally startup the Auto-Negotiation
section or the enhanced automat-
ic port selection section. Instead,
the Am79C971 controller will wait
for the software driver to setup
the Auto-Negotiation portions of
the device. The automatic port
selection for Am79C971 control-
ler will resemble the Pcnet-PCI II
controller. The MII programming
in BCR33 and BCR34 is still valid.
The Am79C971 controller will not
generate
any
management
frames unless Auto-Poll is en-
abled.
Read/write
accessible
always.
DANAS is set to 0 by H_RESET
and is unaffected by S_RESET
and the STOP bit.
6
XPHYRST
External PHY Reset. When XPH-
YRST is set, the Am79C971 con-
troller after an H_RESET or
S_RESET will issue an MII man-
agement frames that will reset the
external PHY. This bit is needed
when there is no way to guaran-
tee the state of the external PHY.
This bit must be reprogrammed
after every H_RESET.
Read/Write accessible always.
XPHYRST
is
set
to
0
by
H_RESET and is unaffected by
S_RESET and the STOP bit.
XPHYRST is only valid when the
internal Network Port Manager is
scanning for a network port.
5
XPHYANE
External PHY Auto-Negotiation
Enable. This bit will force the ex-
ternal PHY into enabling Auto-
Negotiation. When set to 0 the
Am79C971 controller will send a
MII management frame disabling
Auto-Negotiation.
Read/Write accessible always.
XPHYANE
is
set
to
0
by
H_RESET and is unaffected by
S_RESET and the STOP bit.
XPHYANE is only valid when the
internal Network Port Manager is
scanning for a network port.
4
XPHYFD
External PHY Full Duplex. When
set, this bit will force the external
PHY into full duplex when Auto-
Negotiation is not enabled.
Read/Write accessible always.
XPHYFD
is
set
to
0
by
H_RESET, and is unaffected by
S_RESET and the STOP bit.
XPHYFD is only valid when the
internal Network Port Manager is
scanning for a network port.
3
XPHYSP
External PHY Speed. When set,
this bit will force the external PHY
into 100 Mbps mode when Auto-
Negotiation is not enabled.
Read/Write accessible always.
XPHYSP
is
set
to
0
by
H_RESET, and is unaffected by
S_RESET and the STOP bit.
XPHYSP is only valid when the
internal Network Port Manager is
scanning for a network port.
2MII
µL
Media Independent Interface for
Micro Linear 6692. When set, this
Table 41.
APDW Values
APDW
Auto-Poll
 Dwell Time
000
Continuous (26
µs @ 2.5 MHz)
001
Every 128 MDC cycles (103
µs @ 2.5 MHz)
010
Every 256 MDC cycles (206
µs @ 2.5 MHz)
011
Every 512 MDC cycles (410
µs @ 2.5 MHz)
100
Every 1024 MDC cycles (819
µs @ 2.5 MHz)
101
Every 2048 MDC cycles (1640
µs @ 2.5 MHz)
110-111
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com