Electronic Components Datasheet Search
  English  ▼

X  

AM79C971 Datasheet(PDF) 174 Page - Advanced Micro Devices

Part # AM79C971
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971 Datasheet(HTML) 174 Page - Advanced Micro Devices

Back Button AM79C971 Datasheet HTML 170Page - Advanced Micro Devices AM79C971 Datasheet HTML 171Page - Advanced Micro Devices AM79C971 Datasheet HTML 172Page - Advanced Micro Devices AM79C971 Datasheet HTML 173Page - Advanced Micro Devices AM79C971 Datasheet HTML 174Page - Advanced Micro Devices AM79C971 Datasheet HTML 175Page - Advanced Micro Devices AM79C971 Datasheet HTML 176Page - Advanced Micro Devices AM79C971 Datasheet HTML 177Page - Advanced Micro Devices AM79C971 Datasheet HTML 178Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 265 page
background image
174
Am79C971
P R E L I M INARY
Note: Use of this bit will cause
data corruption and erroneous
operation.
Read/Write accessible always.
PTR_TST
is
set
to
0
by
H_RESET and is unaffected by
S_RESET and the STOP bit.
14
LOLATRX
Low Latency Receive. When the
LOLATRX bit is set to 1, the
Am79C971 controller will switch
to an architecture applicable to
cut-through
switches.
The
Am79C971 controller will assert a
receive frame DMA after only 16
bytes of the current receive frame
has been received regardless of
where the RCVFW (CSR80, bits
13-12) are set. The watermark is
a fixed value and cannot be
changed. The receive FIFOs will
be in NO_SRAM mode while all
transmit traffic is buffered through
the external SRAM. This bit is
only valid and the low latency re-
ceive only enabled when the
SRAM_SIZE (BCR25, bits 7-0)
bits are non-zero. SRAM_BND
(BCR26, bits 7-0) has no mean-
ing when the Am79C971 control-
ler is in the Low Latency mode.
See the section on SRAM Config-
uration for more details.
When the LOLATRX bit is set to
0, the Am79C971 controller will
return to a normal receive config-
uration. The runt packet accept
bit (RPA, CSR124, bit 3) must be
set when LOLATRX is set.
CAUTION: To provide data in-
tegrity when switching into
and out of the low latency
mode,
DO
NOT
SET
the
FASTSPNDE (CSR7, bit 15) bit
when setting the SPND bit. Re-
ceive frames WILL be overwrit-
ten
and
the
Am79C971
controller may give erratic be-
havior when it is enable again.
The minimum allowed number
of
pages
is
four.
The
Am79C971 controller will not
operate correctly in the LOLA-
TRX mode with less than four
pages of memory.
Read/Write accessible only when
the STOP bit is set. LOLATRX is
cleared to 0 after H_RESET or
S_RESET and is unaffected by
STOP.
13-6
RES
Reserved locations. Written as
zeros and read as undefined.
5-3
EBCS
Expansion Bus Clock Source.
These bits are used to select the
source of the fundamental clock
to drive the SRAM and Expansion
ROM access cycles. Table 38
shows the selected clock source
for the various values of EBCS.
Note that the actual frequency
that the Expansion Bus access
cycles run at is a function of both
the
EBCS
and
CLK_FAC
(BCR27, bits 2-0) bit field set-
tings. When EBCS is set to either
the PCI clock or the XTAL clock,
no external clock source is re-
quired as the clocks are routed in-
ternally
and
the
EBCLK
pin
should be pulled to VDD through
a resistor.
Read accessible always; write
accessible only when the STOP
bit is set. EBCS is set to 000b
(PCI
clock
selected)
during
H_RESET and is unaffected by
S_RESET or the STOP bit.
Note: The clock frequency driv-
ing the Expansion Bus access cy-
cles that results from the settings
of the EBCS and CLK FAC bits
must not exceed 33 MHz at any
time. When EBCS is set to either
the PCI clock or the XTAL clock,
no external clock source is re-
quired because the clocks are
routed internally and the EBCLK
pin should be pulled to VDD
through a resistor.
Table 38.
EBCS Values
EBCS
Expansion Bus Clock Source
000
CLK pin (PCI Clock)
001
XTAL1 and XTAL2 pins (20-MHz clock)
010
EBCLK pin
011
Reserved
1XX
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com