Electronic Components Datasheet Search
  English  ▼

X  

AM79C971 Datasheet(PDF) 172 Page - Advanced Micro Devices

Part # AM79C971
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971 Datasheet(HTML) 172 Page - Advanced Micro Devices

Back Button AM79C971 Datasheet HTML 168Page - Advanced Micro Devices AM79C971 Datasheet HTML 169Page - Advanced Micro Devices AM79C971 Datasheet HTML 170Page - Advanced Micro Devices AM79C971 Datasheet HTML 171Page - Advanced Micro Devices AM79C971 Datasheet HTML 172Page - Advanced Micro Devices AM79C971 Datasheet HTML 173Page - Advanced Micro Devices AM79C971 Datasheet HTML 174Page - Advanced Micro Devices AM79C971 Datasheet HTML 175Page - Advanced Micro Devices AM79C971 Datasheet HTML 176Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 265 page
background image
172
Am79C971
P R E L I M INARY
mended to program the value of
18H via EEPROM. MAX_LAT is
not affected by S_RESET or
STOP.
7-0
MIN_GNT
Minimum Grant. Specifies the
minimum length of a burst period
the Am79C971 controller needs
to keep up with the network activ-
ity. The length of the burst period
is calculated assuming a clock
rate of 33 MHz. The register val-
ue specifies the time in units of 1/
4
µs. MIN_GNT is aliased to the
PCI configuration space register
MIN_GNT (offset 3Eh). The host
will use the value in the register to
determine
the
setting
of
the
Am79C971 Latency Timer regis-
ter.
Read accessible always; write
accessible only when either the
STOP or the SPND bit is set.
MIN_GNT is set to the value of
06h by H_RESET which results
in a default minimum grant of
1.5
µs, which is the time it takes
the Am79C971 controller to read/
write half of the FIFO. (16 DWord
transfers in burst mode with one
extra wait state per data phase
inserted by the target.) Note that
the default is only a typical value.
It also does not take into account
any descriptor accesses. It is rec-
ommended to program the value
of 18H via EEPROM. MIN_GNT
is not affected by S_RESET or
STOP.
BCR23: PCI Subsystem Vendor ID Register
Note: Bits 15-0 in this register are programmable
through the EEPROM.
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-0
SVID
Subsystem Vendor ID. SVID is
used together with SID (BCR24,
bits 15-0) to uniquely identify the
add-in board or subsystem the
Am79C971 controller is used in.
Subsystem Vendor IDs can be
obtained from the PCI SIG. A val-
ue of 0 (the default) indicates that
the Am79C971 controller does
not support subsystem identifica-
tion. SVID is aliased to the PCI
configuration space register Sub-
system Vendor ID (offset 2Ch).
Read accessible always. SVID is
read only. Write operations are
ignored. SVID is cleared to 0 by
H_RESET and is not affected by
S_RESET or by setting the STOP
bit.
BCR24: PCI Subsystem ID Register
Note: Bits 15-0 in this register are programmable
through the EEPROM.
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-0
SID
Subsystem ID. SID is used to-
gether with SVID (BCR23, bits
15-0) to uniquely identify the add-
in
board
or
subsystem
the
Am79C971 controller is used in.
The value of SID is up to the sys-
tem vendor. A value of 0 (the de-
fault)
indicates
that
the
Am79C971 controller does not
support subsystem identification.
SID is aliased to the PCI configu-
ration space register Subsystem
ID (offset 2Eh).
Read accessible always. SID is
read only. Write operations are
ignored. SID is cleared to 0 by
H_RESET and is not affected by
S_RESET or by setting the STOP
bit.
BCR25: SRAM Size Register
Bit
Name
Description
Note: Bits 7-0 in this register are programmable
through the EEPROM.
31-8
RES
Reserved locations. Written as
zeros and read as undefined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com