Electronic Components Datasheet Search
  English  ▼

X  

AM79C971 Datasheet(PDF) 171 Page - Advanced Micro Devices

Part # AM79C971
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971 Datasheet(HTML) 171 Page - Advanced Micro Devices

Back Button AM79C971 Datasheet HTML 167Page - Advanced Micro Devices AM79C971 Datasheet HTML 168Page - Advanced Micro Devices AM79C971 Datasheet HTML 169Page - Advanced Micro Devices AM79C971 Datasheet HTML 170Page - Advanced Micro Devices AM79C971 Datasheet HTML 171Page - Advanced Micro Devices AM79C971 Datasheet HTML 172Page - Advanced Micro Devices AM79C971 Datasheet HTML 173Page - Advanced Micro Devices AM79C971 Datasheet HTML 174Page - Advanced Micro Devices AM79C971 Datasheet HTML 175Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 265 page
background image
Am79C971
171
P R E L I M INARY
The value of the SSIZE32 bit has
no effect on the drive of the upper
8 address bits. The upper 8 ad-
dress pins are always driven, re-
gardless of the state of the
SSIZE32 bit.
Note that the setting of the
SSIZE32 bit has no effect on the
defined width for I/O resources.
I/O resource width is determined
by the state of the DWIO bit
(BCR18, bit 7).
7-0
SWSTYLE
Software Style register. The val-
ue in this register determines the
style of register and memory re-
sources that shall be used by the
Am79C971 controller. The Soft-
ware Style selection will affect the
interpretation of a few bits within
the CSR space, the order of the
descriptor entries and the width of
the descriptors and initialization
block entries.
All Am79C971 controller CSR
bits and all descriptor, buffer, and
initialization block entries not cit-
ed in the Table 36 are unaffected
by the Software Style selection
and are, therefore, always fully
functional as specified in the CSR
and BCR sections.
Read/Write accessible only when
either the STOP or the SPND bit
is set. The SWSTYLE register will
contain the value 00h following
H_RESET and will be unaffected
by S_RESET or STOP.
BCR21: Interrupt Control
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-0
INTCON
Reserved locations. Writes to this
register will have no effect on the
operation of the Am79C971 con-
troller.
BCR22: PCI Latency Register
Note: Bits 15-0 in this register are programmable
through the EEPROM.
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-8
MAX_LAT
Maximum Latency. Specifies the
maximum arbitration latency the
Am79C971 controller can sustain
without causing problems to the
network activity. The register val-
ue specifies the time in units of 1/
4 microseconds. MAX_LAT is
aliased to the PCI configuration
space register MAX_LAT (offset
3Fh). The host will use the value
in the register to determine the
setting of the Am79C971 Latency
Timer register.
Read accessible always; write
accessible only when either the
STOP or the SPND bit is set.
MAX_LAT is set to the value of
FFh by H_RESET which results
in a default maximum latency of
63.75 microseconds. It is recom-
Table 36.
Software Styles
SWSTYLE
[7:0]
Style
Name
SSIZE32
Initialization Block
Entries
Descriptor Ring Entries
00h
LANCE/
PCnet-ISA
controller
0
16-bit software
structures, non-burst or
burst access
16-bit software structures,
non-burst access only
01h
RES
1
RES
RES
02h
PCnet-PCI
controller
1
32-bit software
structures, non-burst or
burst access
32-bit software structures,
non-burst access only
03h
PCnet-PCI
controller
1
32-bit software
structures, non-burst or
burst access
32-bit software structures,
non-burst access only
All Other
Reserved
Undefined
Undefined
Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com