Electronic Components Datasheet Search
  English  ▼

X  

AM79C971 Datasheet(PDF) 168 Page - Advanced Micro Devices

Part # AM79C971
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971 Datasheet(HTML) 168 Page - Advanced Micro Devices

Back Button AM79C971 Datasheet HTML 164Page - Advanced Micro Devices AM79C971 Datasheet HTML 165Page - Advanced Micro Devices AM79C971 Datasheet HTML 166Page - Advanced Micro Devices AM79C971 Datasheet HTML 167Page - Advanced Micro Devices AM79C971 Datasheet HTML 168Page - Advanced Micro Devices AM79C971 Datasheet HTML 169Page - Advanced Micro Devices AM79C971 Datasheet HTML 170Page - Advanced Micro Devices AM79C971 Datasheet HTML 171Page - Advanced Micro Devices AM79C971 Datasheet HTML 172Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 265 page
background image
168
Am79C971
P R E L I M INARY
sertion of DEVSEL and STOP
while TRDY is not asserted, sig-
naling to the initiator to discon-
nect and retry the access at a
later time.
If a PREAD command is given to
the Am79C971 controller but no
EEPROM is attached to the inter-
face pins, the PREAD bit will be
cleared to a 0, and the PVALID bit
will remain reset with a value of 0.
This applies to the automatic
read
of
the
EEPROM
after
H_RESET as well as to host initi-
ated PREAD commands. EE-
PROM programmable locations
on board the Am79C971 control-
ler will be set to their default val-
ues by such an aborted PREAD
operation. For example, if the
aborted PREAD operation imme-
diately followed the H_RESET
operation, then the final state of
the EEPROM programmable lo-
cations will be equal to the
H_RESET
programming
for
those locations.
If a PREAD command is given to
the Am79C971 controller and the
auto-detection pin (EESK/LED1/
SFBD) indicates that no EE-
PROM is present, then the EE-
PROM read operation will still be
attempted.
Note that at the end of the
H_RESET operation, a read of
the EEPROM will be performed
automatically. This H_RESET-
generated EEPROM read func-
tion will not proceed if the auto-
detection pin (EESK/LED1/SF-
BD) indicates that no EEPROM is
present.
Read accessible always; write
accessible only when either the
STOP or the SPND bit is set.
PREAD
is
set
to
0
during
H_RESET and is unaffected by
S_RESET or the STOP bit.
13
EEDET
EEPROM Detect. This bit indi-
cates the sampled value of the
EESK/LED1/SFBD pin at the end
of H_RESET. This value indi-
cates whether or not an EE-
PROM is present at the EEPROM
interface. If this bit is a 1, it indi-
cates
that
an
EEPROM
is
present. If this bit is a 0, it indi-
cates that an EEPROM is not
present.
Read accessible only. EEDET is
read only; write operations have
no effect. The value of this bit is
determined at the end of the
H_RESET operation. It is unaf-
fected by S_RESET or the STOP
bit.
Table 34 indicates the possible
combinations of EEDET and the
existence of an EEPROM and the
resulting operations that are pos-
sible on the EEPROM interface.
12-5
RES
Reserved locations. Written as
zeros; read as undefined.
4
EEN
EEPROM Port Enable. When this
bit is set to a 1, it causes the val-
ues of ECS, ESK, and EDI to be
driven onto the EECS, EESK,
and EEDI pins, respectively. If
EEN = 0 and no EEPROM read
function is currently active, then
EECS will be driven LOW. When
EEN = 0 and no EEPROM read
function is currently active, EESK
and EEDI pins will be driven by
the LED registers BCR5 and
BCR4, respectively. See Table
35.
Read accessible always, write
accessible only when either the
STOP or the SPND bit is set.
EEN is set to 0 by H_RESET and
is unaffected by the S_RESET or
STOP bit.
3
RES
Reserved location. Written as
zero and read as undefined.
2
ECS
EEPROM Chip Select. This bit is
used to control the value of the
EECS pin of the interface when
the EEN bit is set to 1 and the
PREAD bit is set to 0. If EEN = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com