Electronic Components Datasheet Search
  English  ▼

X  

AM79C971 Datasheet(PDF) 166 Page - Advanced Micro Devices

Part # AM79C971
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971 Datasheet(HTML) 166 Page - Advanced Micro Devices

Back Button AM79C971 Datasheet HTML 162Page - Advanced Micro Devices AM79C971 Datasheet HTML 163Page - Advanced Micro Devices AM79C971 Datasheet HTML 164Page - Advanced Micro Devices AM79C971 Datasheet HTML 165Page - Advanced Micro Devices AM79C971 Datasheet HTML 166Page - Advanced Micro Devices AM79C971 Datasheet HTML 167Page - Advanced Micro Devices AM79C971 Datasheet HTML 168Page - Advanced Micro Devices AM79C971 Datasheet HTML 169Page - Advanced Micro Devices AM79C971 Datasheet HTML 170Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 265 page
background image
166
Am79C971
P R E L I M INARY
EXTREQ should not be set to 1
when the Am79C971 controller is
used in a PCI bus application.
Read accessible always, write
accessible only when either the
STOP or the SPND bit is set. EX-
TREQ is cleared by H_RESET
and is not affected by S_RESET
or STOP.
7
DWIO
Double Word I/O. When set, this
bit indicates that the Am79C971
controller
is
programmed
for
DWord I/O (DWIO) mode. When
cleared, this bit indicates that the
Am79C971
controller
is
pro-
grammed for Word I/O (WIO)
mode. This bit affects the I/O Re-
source Offset map and it affects
the
defined
width
of
the
Am79C971 controllers I/O re-
sources. See the DWIO and WIO
sections for more details.
The initial value of the DWIO bit is
determined by the programming
of the EEPROM.
The value of DWIO can be al-
tered
automatically
by
the
Am79C971 controller. Specifical-
ly, the Am79C971 controller will
set DWIO if it detects a DWord
write access to offset 10h from
the
Am79C971
controller
I/O
base address (corresponding to
the RDP resource).
Once the DWIO bit has been set
to a 1, only a H_RESET or an EE-
PROM read can reset it to a 0.
(Note that the EEPROM read op-
eration will only set DWIO to a 0 if
the appropriate bit inside of the
EEPROM is set to 0.)
Read accessible always. DWIO
is read only, write operations
have no effect. DWIO is cleared
by H_RESET and is not affected
S_RESET or by setting the STOP
bit.
6
BREADE
Burst Read Enable. When set,
this bit enables burst mode during
memory read accesses. When
cleared, this bit prevents the de-
vice from performing bursting
during
read
accesses.
The
Am79C971 controller can per-
form burst transfers when reading
the initialization block, the de-
scriptor
ring
entries
(when
SWSTYLE = 3) and the buffer
memory.
BREADE should be set to 1 when
the Am79C971 controller is used
in a PCI bus application to guar-
antee maximum performance.
Read accessible always; write
accessible only when either the
STOP or the SPND bit is set.
BREADE is cleared by H_RESET
and is not affected by S_RESET
or STOP.
5
BWRITE
Burst Write Enable. When set,
this bit enables burst mode during
memory write accesses. When
cleared, this bit prevents the de-
vice from performing bursting
during
write
accesses.
The
Am79C971 controller can per-
form burst transfers when writing
the descriptor ring entries (when
SWSTYLE = 3) and the buffer
memory.
BWRITE should be set to 1 when
the Am79C971 controller is used
in a PCI bus application to guar-
antee maximum performance.
Read accessible always, write
accessible only when either the
STOP or the SPND bit is set.
BWRITE is cleared by H_RESET
and is not affected by S_RESET
or STOP.
4-3
TSTSHDW
Reserved locations. Written an
read as zeros.
2-0
LINBC
Reserved locations. Read acces-
sible always; write accessible
only when either the STOP or the
SPND bit is set. After H_RESET,
the value in these bits will be
001b. The setting of these bits
have no effect on any Am79C971
controller function. LINBC is not
affected by S_RESET or STOP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com