Electronic Components Datasheet Search
  English  ▼

X  

AM79C971 Datasheet(PDF) 170 Page - Advanced Micro Devices

Part # AM79C971
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971 Datasheet(HTML) 170 Page - Advanced Micro Devices

Back Button AM79C971 Datasheet HTML 166Page - Advanced Micro Devices AM79C971 Datasheet HTML 167Page - Advanced Micro Devices AM79C971 Datasheet HTML 168Page - Advanced Micro Devices AM79C971 Datasheet HTML 169Page - Advanced Micro Devices AM79C971 Datasheet HTML 170Page - Advanced Micro Devices AM79C971 Datasheet HTML 171Page - Advanced Micro Devices AM79C971 Datasheet HTML 172Page - Advanced Micro Devices AM79C971 Datasheet HTML 173Page - Advanced Micro Devices AM79C971 Datasheet HTML 174Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 265 page
background image
170
Am79C971
P R E L I M INARY
Table 35.
Interface Pin Assignment
BCR20: Software Style
This register is an alias of the location CSR58. Accesses
to and from this register are equivalent to accesses to
CSR58.
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-11 RES
Reserved locations. Written as
zeros and read as undefined.
10
APERREN
Advanced Parity Error Handling
Enable. When APERREN is set
to 1, the BPE bits (RMD1 and
TMD1, bit 23) start having a
meaning. BPE will be set in the
descriptor associated with the
buffer that was accessed when a
data parity error occurred. Note
that since the advanced parity er-
ror handling uses an additional bit
in the descriptor, SWSTYLE (bits
7-0 of this register) must be set to
2 or 3 to program the Am79C971
controller to use 32-bit software
structures.
APERREN does not affect the re-
porting of address parity errors or
data parity errors that occur when
the Am79C971 controller is the
target of the transfer.
Read anytime; write accessible
only when either the STOP or the
SPND bit is set. APERREN is
cleared by H_RESET and is not
affected by S_RESET or STOP.
9
RES
Reserved locations. Written as
zeros; read as undefined.
8
SSIZE32
Software Size 32 bits. When set,
this
bit
indicates
that
the
Am79C971 controller utilizes 32-
bit software structures for the ini-
tialization block and the transmit
and receive descriptor entries.
When cleared, this bit indicates
that the Am79C971 controller uti-
lizes 16-bit software structures for
the initialization block and the
transmit and receive descriptor
entries.
In
this
mode,
the
Am79C971 controller is back-
wards
compatible
with
the
Am7990 LANCE and Am79C960
PCnet-ISA controllers.
The value of SSIZE32 is deter-
mined by the Am79C971 control-
ler according to the setting of the
Software Style (SWSTYLE, bits
7-0 of this register).
Read
accessible
always.
SSIZE32 is read only; write oper-
ations will be ignored. SSIZE32
will be cleared after H_RESET
(since SWSTYLE defaults to 0)
and is not affected by S_RESET
or STOP.
If SSIZE32 is reset, then bits
IADR[31:24] of CSR2 will be
used to generate values for the
upper 8 bits of the 32-bit address
bus during master accesses initi-
ated by the Am79C971 controller.
This action is required, since the
16-bit software structures speci-
fied by the SSIZE32 = 0 setting
will yield only 24 bits of address
for Am79C971
controller bus
master accesses.
If SSIZE32 is set, then the soft-
ware structures that are common
to the Am79C971 controller and
the host system will supply a full
32 bits for each address pointer
that is needed by the Am79C971
controller for performing master
accesses.
RST Pin
PREAD or Auto
Read in Progress
EEN
EECS
EESK
EEDI
Low
X
X
0
Tri-State
Tri-State
High
1
X
Active
Active
Active
High
0
1
From ECS
Bit of BCR19
From ESK Bit of
BCR19
From EEDI Bit of
BCR19
High
0
0
0
LED1
LED0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com